Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD Datasheet (PDF) - Stackpole Electronics, Inc.

ESD Datasheet PDF - Stackpole Electronics, Inc.
Part # ESD
Download  ESD Download
File Size   205.73 Kbytes
Page   3 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low and Ultra Low Capacitance ESD Suppressor

ESD Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD Datasheet PDF - Stackpole Electronics, Inc.

Part # ESD
Download  ESD Click to download

File Size   205.73 Kbytes
Page   3 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low and Ultra Low Capacitance ESD Suppressor

ESD Datasheet (HTML) - Stackpole Electronics, Inc.


ESD Product details

Features:
• Very quick response time (< 1 nS)
• ESDU series has ultra-low capacitance < 0.05 pF
• Lower cost ESD series has capacitance < 0.2 pF
• Ultra-low leakage current (< 1 nA)
• No signal distortion
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant

Applications:
• High speed data ports (USB 2.0, IEEE1394)
• Notebook PC’s, cell phones, PDA’s
• Digital cameras, printers, scanners
• Plasma display panels, LCD TVs, HDTV’s




Similar Part No. - ESD

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ESD EATON-ESD Datasheet
88Kb / 4P
ESD BS88 Offset blade tags
logo
Nexperia B.V. All right...
ESD NEXPERIA-ESD Datasheet
1Mb / 2P
TrEOS ESD protection for Automotive Infotainment & SerDes
April 2021
logo
AG Electronica
ESD-00 AGELECTRONICA-ESD-00 Datasheet
272Kb / 1P
PINCETA ANTIESTATICA DE FIBRA DE CARBONO
15/05/2023
ESD-10 AGELECTRONICA-ESD-10 Datasheet
268Kb / 1P
PINCETA DE PUNTA DE ACERO INOXIDABLE ANTIESTATICA 110MM
14/11/2022
ESD-11 AGELECTRONICA-ESD-11 Datasheet
292Kb / 2P
PINCETA RECTA ANTIESTATICA DE PRECISION
16/05/2023
More results


Similar Description - ESD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL Datasheet
85Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Comchip Technology
CLCS145V0-G COMCHIP-CLCS145V0-G Datasheet
52Kb / 1P
Low Capacitance Bidirectional ESD / Transient Suppressor
logo
NXP Semiconductors
BZA800AVL NXP-BZA800AVL Datasheet
191Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL NXP-BZA900AVL Datasheet
177Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Thinking Electronic Ind...
LCP0G050M0R2R THINKING-LCP0G050M0R2R Datasheet
171Kb / 7P
Ultra-Low Capacitance ESD Suppressor for High-Speed Application
logo
NXP Semiconductors
BZA856AVL PHILIPS-BZA856AVL Datasheet
191Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL PHILIPS-BZA900AVL_15 Datasheet
177Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SERIES NEXPERIA-BZA800AVL_SERIES Datasheet
220Kb / 12P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA800AVL_SER NEXPERIA-BZA800AVL_SER Datasheet
220Kb / 12P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL_SER NEXPERIA-BZA900AVL_SER Datasheet
389Kb / 12P
Quadruple low capacitance ESD suppressor
2003 Oct 20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com