Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN Datasheet (PDF) - Stackpole Electronics, Inc.

FRN Datasheet PDF - Stackpole Electronics, Inc.
Part # FRN
Download  FRN Download
File Size   605.12 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Fusing Resistor

FRN Datasheet (PDF)

Go To PDF Page Download Datasheet
FRN Datasheet PDF - Stackpole Electronics, Inc.

Part # FRN
Download  FRN Click to download

File Size   605.12 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Fusing Resistor

FRN Datasheet (HTML) - Stackpole Electronics, Inc.


FRN Product details

Features:
• Coating meets UL 94V-0
• Designed for constant current to provide overload protection
• Consistent performance and reliability
• Cut and formed product is available on select sizes, contact Stackpole for details
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - FRN

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
Flame-Proof Fusible Resistors
logo
TE Connectivity Ltd
FRN / SQF / FKN TEC-FRN / SQF / FKN Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-1 EATON-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
More results


Similar Description - FRN

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RF731J KOA-RF731J Datasheet
121Kb / 2P
fusing flat chip resistor
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
coat-insulated fusing resistors (constant current fusing type)
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
coat-insulated fusing resistor
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
fusing flat chip resistor
logo
List of Unclassifed Man...
SP3AJT100R ETC2-SP3AJT100R Datasheet
90Kb / 2P
UL1412 Certified Fusing Wirewound Resistor
logo
KOA Speer Electronics, ...
RF73 KOA-RF73 Datasheet
385Kb / 2P
fusing flat chip resistor
logo
New Jersey Semi-Conduct...
22RC10 NJSEMI-22RC10 Datasheet
92Kb / 1P
Maximum Fusing Condition
logo
Stackpole Electronics, ...
RWT SEI-RWT Datasheet
222Kb / 4P
Thermal Fusing Vertical Mount Resistor
11/30/2020
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com