Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC Datasheet (PDF) - Stackpole Electronics, Inc.

HCC Datasheet PDF - Stackpole Electronics, Inc.
Part # HCC
Download  HCC Download
File Size   292.64 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Current Chassis Mount Shunt Resistor

HCC Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC Datasheet PDF - Stackpole Electronics, Inc.

Part # HCC
Download  HCC Click to download

File Size   292.64 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Current Chassis Mount Shunt Resistor

HCC Datasheet (HTML) - Stackpole Electronics, Inc.


HCC Product details

Features:
• 15W up to 350A at 0.1mΩ
• Excellent long-term stability
• HCC8420 is qualified to AEC-Q200
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant

Applications:
• Power modules
• Frequency converters
• Current sensor for power hybrid sources
• High current for automotive




Similar Part No. - HCC

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
logo
ML Accessories Limited....
HCC KNIGHTSBRIDGE-HCC Datasheet
208Kb / 1P
Chrome Hole Converter Kit
25/04/2024
logo
Structured Cable Produc...
HCC-14 STRUCTURED-CABLE-HCC-14 Datasheet
436Kb / 1P
14" PANEL WITH COVER
04/16
HCC-18 STRUCTURED-CABLE-HCC-18 Datasheet
651Kb / 1P
18" STRUCTURED PANEL
04/16
HCC-18-BOX STRUCTURED-CABLE-HCC-18-BOX Datasheet
2Mb / 1P
18 INCH METAL BOX ENCLOSURE W/ ELECTRIC KNOCKOUT
Rev 08/2020
More results


Similar Description - HCC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
Shunt Resistor
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
Shunt Resistor
logo
Bi technologies
BHCS BITECH-BHCS Datasheet
407Kb / 1P
HIGH CURRENT CHASSIS MOUNT SHUNT RESISTORS
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
SHUNT RESISTOR
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCSM SEI-HCSM Datasheet
305Kb / 5P
High Power Metal Element Current Shunt Resistor
4/18/2022
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
logo
Eaton All Rights Reserv...
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com