Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGC Datasheet (PDF) - Stackpole Electronics, Inc.

HGC Datasheet PDF - Stackpole Electronics, Inc.
Part # HGC
Download  HGC Download
File Size   239.59 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Thick Film Precision High Resistance Chip Resistor

HGC Datasheet (PDF)

Go To PDF Page Download Datasheet
HGC Datasheet PDF - Stackpole Electronics, Inc.

Part # HGC
Download  HGC Click to download

File Size   239.59 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Thick Film Precision High Resistance Chip Resistor

HGC Datasheet (HTML) - Stackpole Electronics, Inc.


HGC Product details

Features:
• Ultra-high stability
• Very low noise
• Tolerances to 0.1%
• TCR down to 25 ppm/ºC
• RoHS compliant
• Halogen free
• REACH compliant




Similar Part No. - HGC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HGC ETC2-HGC Datasheet
82Kb / 1P
double-polysilicon trench isolated bipolar process
logo
Soshin electric Co., Lt...
HGC5020-HYB2600S SOSHIN-HGC5020-HYB2600S Datasheet
20Kb / 1P
2600MHz Band 90deg Chip Hybrid Coupler
HGC5021-HYB0900S SOSHIN-HGC5021-HYB0900S Datasheet
20Kb / 1P
900MHz Band 90deg Chip Hybrid Coupler
HGC5022-HYB2000S SOSHIN-HGC5022-HYB2000S Datasheet
20Kb / 1P
2000MHz Band 90deg Chip Hybrid Coupler
HGC5023-HYB3500S SOSHIN-HGC5023-HYB3500S Datasheet
22Kb / 1P
3500MHz Band 90deg Chip Hybrid Coupler
More results


Similar Description - HGC

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN73H1JT KOA-RN73H1JT Datasheet
88Kb / 2P
precision high heat resistance metal film chip resistor
logo
Riedon Powertron
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-100MJ8 RIEDON-HVC1206H-100MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
High Resistance, Thick Film Chip Resistors
logo
TE Connectivity Ltd
CRGP TEC-CRGP Datasheet
542Kb / 10P
SMD Precision Pulse Thick Film Chip Resistor
logo
Stackpole Electronics, ...
RGC SEI-RGC Datasheet
450Kb / 7P
Semi-Precision Thick Film Chip Resistor
04/22/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com