Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC12 Datasheet (PDF) - Stackpole Electronics, Inc.

HPC12 Datasheet PDF - Stackpole Electronics, Inc.
Part # HPC12
Download  HPC12 Download
File Size   106.9 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Power Surface Mount Resistor

HPC12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPC12 Datasheet PDF - Stackpole Electronics, Inc.

Part # HPC12
Download  HPC12 Click to download

File Size   106.9 Kbytes
Page   4 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Power Surface Mount Resistor

HPC12 Datasheet (HTML) - Stackpole Electronics, Inc.


HPC12 Product details

The HPC series represents a breakthrough in functional design, thermal management and end-user benefits. Borrowing from long-proven techniques used in power semiconductors, the HPC series provides up to eight times more useful power than SMD power resistors currently available.
The HPC series, through superior characterization, is intended to remove the mystery of managing board level power by combining established techniques in new ways. The result is superior technology in design options, in a cost effective package.

Features:
• Up to 12W with no external heat sinks
• Compatible with conventional pick and place
• Only 0.5 x 0.5 PCB footprint
• Non-inductive resistive element
• Anodized heat sink top provides 800V voltage withstanding
• Up to 50W for short duration
• Stackpole patent no. US 7,286,358 B2
• Available in 1% and 5% tolerance
• RoHS compliant




Similar Part No. - HPC12

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC12 KOA-HPC12 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC12 KOA-HPC12 Datasheet
230Kb / 2P
RESISTANCE TO POWER SURGE
HPC12 KOA-HPC12 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC12C102K KOA-HPC12C102K Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC12C471K KOA-HPC12C471K Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
More results


Similar Description - HPC12

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SMP100J BITECH-SMP100J Datasheet
1Mb / 2P
SURFACE MOUNT MOULDED POWER RESISTOR
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
HR0805F1000KT IRCTT-HR0805F1000KT Datasheet
182Kb / 2P
High Value Surface Mount Resistor
95011-2213-F-BLK IRCTT-95011-2213-F-BLK Datasheet
145Kb / 2P
High Reliability Surface Mount Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
Metal Glaze High Power Density Surface Mount Power Resistor
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com