Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC3512 Datasheet (PDF) - Stackpole Electronics, Inc.

HVC3512 Datasheet PDF - Stackpole Electronics, Inc.
Part # HVC3512
Download  HVC3512 Download
File Size   267.25 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Thick Film Chip Resistor

HVC3512 Datasheet (PDF)

Go To PDF Page Download Datasheet
HVC3512 Datasheet PDF - Stackpole Electronics, Inc.

Part # HVC3512
Download  HVC3512 Click to download

File Size   267.25 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Thick Film Chip Resistor

HVC3512 Datasheet (HTML) - Stackpole Electronics, Inc.


HVC3512 Product details

Features:
• Ohmic values to 50G
• Available with wire bondable terminations
• Tight tolerances to 0.1%
• Utilizes fine film resistor deposition technology
• Superior pulse handling capabilities
• Low TCR to 25 ppm/ºC
• Low VCR to 1 ppm/volt
• Very low noise
• Ultra-high stability
• Custom sizes available
• Higher (up to 1TΩ) or lower resistance values may be available (contact Stackpole)
• Standard HVC parts are unmarked
• RoHS compliant and halogen free
• REACH compliant




Similar Part No. - HVC3512

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVC3512 ETC2-HVC3512 Datasheet
114Kb / 3P
High Voltage Thick Film Chip Resistor
More results


Similar Description - HVC3512

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR10 ROHM-KTR10 Datasheet
106Kb / 7P
Endured high voltage fixed thick film chip resistor
KTR10 ROHM-KTR10_1 Datasheet
87Kb / 7P
Endured high voltage fixed thick film chip resistor
logo
IRC - a TT electronics ...
F44KU6806G50BLK IRCTT-F44KU6806G50BLK Datasheet
245Kb / 3P
High Voltage Thick Film Resistor
logo
MERITEK ELECTRONICS COR...
CRHV MERITEK-CRHV Datasheet
543Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
logo
List of Unclassifed Man...
HVCB2010FKC100M ETC2-HVCB2010FKC100M Datasheet
114Kb / 3P
High Voltage Thick Film Chip Resistor
logo
Samsung semiconductor
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
Stackpole Electronics, ...
RVC SEI-RVC Datasheet
337Kb / 6P
Medium Voltage Thick Film Chip Resistor
01/23/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com