Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTF Datasheet (PDF) - Stackpole Electronics, Inc.

LTF Datasheet PDF - Stackpole Electronics, Inc.
Part # LTF
Download  LTF Download
File Size   425.78 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Thin Film Chip Inductor

LTF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTF Datasheet PDF - Stackpole Electronics, Inc.

Part # LTF
Download  LTF Click to download

File Size   425.78 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Thin Film Chip Inductor

LTF Datasheet (HTML) - Stackpole Electronics, Inc.


LTF Product details

Features:
• Exceptional Q values for small package sizes
• SRF controlled within 10%
• Stable inductance in high frequency circuits
• Highly stable design for critical requirements
• Tight tolerances down to 1% or ± 0.1nH
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• Contact Stackpole for additional inductance values

Applications:
• Wearable devices
• Wireless LANs
• Cable/Satellite receivers
• Security systems
• Smart meters
• Connected appliances
• Various IoT devices




Similar Part No. - LTF

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LTF WELLER-LTF Datasheet
80Kb / 4P
Soldering Tips
logo
STEGO Elektrotechnik Gm...
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
logo
Banner Engineering Corp...
LTF12IC2LD BANNER-LTF12IC2LD Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
LTF12IC2LDQ BANNER-LTF12IC2LDQ Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
LTF12IC2LDQP BANNER-LTF12IC2LDQP Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
More results


Similar Description - LTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
THIN FILM CHIP INDUCTOR
20090325-B
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
THIN FILM CHIP INDUCTOR
11.26.08
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
THIN FILM CHIP INDUCTOR
12.01.08
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
Thin Film Chip Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com