Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL333GD Datasheet (PDF) - Everlight Electronics Co., Ltd

EL333GD Datasheet PDF - Everlight Electronics Co., Ltd
Part # EL333GD
Download  EL333GD Download
File Size   167.72 Kbytes
Page   1 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description ROUND TYPE LED LAMPS(5MM)

EL333GD Datasheet (PDF)

Go To PDF Page Download Datasheet
EL333GD Datasheet PDF - Everlight Electronics Co., Ltd

Part # EL333GD
Download  EL333GD Click to download

File Size   167.72 Kbytes
Page   1 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description ROUND TYPE LED LAMPS(5MM)

EL333GD Datasheet (HTML) - Everlight Electronics Co., Ltd


EL333GD Product details

DESCRIPTION:
The 333RD/RT series are Gallium Arsenide Phosphide redlight emitting diodes.
The 333HD/HT, 333GD/GT/SGD/SGT and 333PYD/PYT series are Gallium Phosphide bright red, green and yellow light emitting diodes respectively. The 333YD/YT, 333ED/ET, 333ID/IT series are Gallium Arsenide Phosphide on Gallium Phosphide yellow, orange, hi-efficiency reed and amber light emitting diodes respectively. General purpose and selected brightness version of both diffused and non-diffused lens types are available in each series.

MAIN FEAURES:
• LOW COST.
• HIGH LIGHT OUTPUT.
• I.C. COMPATIBLE/LOW CURRENT REQUIRMENTS.
• POPULAR T-1 3/4 DIAMETER, 1" LEAD LENGTH.
• WIDE AND NARROW VIEWING ANGLE TYPES.




Similar Part No. - EL333GD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL333 KODENSHI-EL333 Datasheet
193Kb / 2P
Infrared Emitting Diode(GaAs)
EL333F KODENSHI-EL333F Datasheet
135Kb / 3P
Compact package with double-end leads
EL333F1 KODENSHI-EL333F1 Datasheet
132Kb / 3P
Compact package
More results


Similar Description - EL333GD

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513BG1C A-BRIGHT-AL-513BG1C Datasheet
311Kb / 5P
5mm Round LED Lamps
2006/9/16
AL-513OR6C-A A-BRIGHT-AL-513OR6C-A_08 Datasheet
311Kb / 5P
5mm Round LED Lamps
2008/3/19
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A_08 Datasheet
311Kb / 5P
5mm Round LED Lamps
2008/3/19
logo
Lucky Light Electronic
GB-333HD LUCKY-LIGHT-GB-333HD Datasheet
42Kb / 1P
Round Type LED Lamps (5mm)
GB-343 LUCKY-LIGHT-GB-343 Datasheet
42Kb / 1P
Round-Helmet Type LED Lamps (5mm)
GB-353 LUCKY-LIGHT-GB-353 Datasheet
42Kb / 1P
Round-Helmet Type LED Lamps (5mm)
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
Blinking, Round Type LED Lamps (5mm)
logo
A-BRIGHT Inc
AL-513SGC-A A-BRIGHT-AL-513SGC-A_09 Datasheet
238Kb / 5P
5mm Round LED Lamps
2009/2/25
AL-513TRC A-BRIGHT-AL-513TRC_09 Datasheet
238Kb / 5P
5mm Round LED Lamps
2009/2/25
AL-513UY5C A-BRIGHT-AL-513UY5C_09 Datasheet
238Kb / 5P
5mm Round Type : LED Lamps
2009/2/25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com