Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM90C66LJP Datasheet (PDF) - SMSC Corporation

COM90C66LJP Datasheet PDF - SMSC Corporation
Part # COM90C66LJP
Download  COM90C66LJP Download
File Size   253.19 Kbytes
Page   76 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description ARCNET Controller/Transceiver with AT Interface and On-Chip RAM

COM90C66LJP Datasheet (PDF)

Go To PDF Page Download Datasheet
COM90C66LJP Datasheet PDF - SMSC Corporation

Part # COM90C66LJP
Download  COM90C66LJP Click to download

File Size   253.19 Kbytes
Page   76 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description ARCNET Controller/Transceiver with AT Interface and On-Chip RAM

COM90C66LJP Datasheet (HTML) - SMSC Corporation


COM90C66LJP Product details

GENERAL DESCRIPTION
The SMSC COM90C66 is a special purpose communications controller for interconnecting processors and intelligent peripherals using the ARCNET Local Area Network. The COM90C66 is unique in that it integrates the core ARCNET logic found in Standard Microsystems original COM90C26 and COM90C32 with an on-chip 2K x 8 RAM, as well as the 16-bit data bus interface for the IBM PC/AT.

FEATURES
• ARCNET LAN Controller/Transceiver/Support Logic/Dual-Port RAM
• Integrates SMSC COM90C65 with 16-Bit Data Bus, Dual-Port RAM, and Enhanced Diagnostics Circuitry
• Includes IBMÒ PC/ATÒ Bus Interface Circuitry
• Supports 8- and 16-Bit Data Buses
• Full 2K x 8 On-Chip Dual-Port Buffer RAM
• Zero Wait State Arbitration for Most AT Buses
• SMSC COM90C26 Software Compatible
• Command Chaining Enhances Performance
• Supports Memory Mapped and Sequential I/O Mapped Access to the Internal RAM Buffer
• Compatible with the SMSC HYC9058/68/ 88 (COAX and Twisted Pair Drivers)
• Token Passing Protocol with Self Reconfiguration Detection
• Variable Data Length Packets
• 16 Bits CRC Check/Generation
• Includes Address Decoding Circuitry for OnChip RAM, PROM and I/O
• Supports up to 255 Nodes
• Contains Software Accessible Node ID Register
• Compatible with Various Topologies (Star, Tree, Bus, ...)
• On-Board Crystal Oscillator and Reset Circuitry
• Low Power CMOS, Single +5V Supply




Similar Part No. - COM90C66LJP

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
COM90 ASM-SENSOR-COM90 Datasheet
207Kb / 10P
Doppel-Grenzwertschalter
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
List of Unclassifed Man...
COM9046 ETC1-COM9046 Datasheet
160Kb / 4P
Single Side Band Speech Scrambler
More results


Similar Description - COM90C66LJP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20022I SMSC-COM20022I Datasheet
617Kb / 83P
10 MBPS ARCNET CONTROLLER WITH 2KX8 ON BOARD RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com