Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THVD1424 Datasheet (PDF) - Texas Instruments

THVD1424 Datasheet PDF - Texas Instruments
Part # THVD1424
Download  THVD1424 Download
File Size   1717.79 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching

THVD1424 Datasheet (PDF)

Go To PDF Page Download Datasheet
THVD1424 Datasheet PDF - Texas Instruments

Part # THVD1424
Download  THVD1424 Click to download

File Size   1717.79 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching

THVD1424 Datasheet (HTML) - Texas Instruments


THVD1424 Product details

1 Features
• Meets or exceeds the requirements of the TIA/
EIA-485A standard
• 3-V to 5.5-V bus supply voltage
• 1.65 V to 5.5 V supply for logic signals
• Differential output exceeds 2.1 V for PROFIBUS
compatibility with 5-V supply
• Pin configurable Half-duplex and full-duplex
• Pin controlled on-chip 120 Ω termination resistor
on bus pins
• Maximum Data rate configurable
– SLR = High: 500 kbps
– SLR = Low or floating: 20 Mbps
• Bus I/O protection
– ±16-kV HBM ESD
– ±8-kV IEC 61000-4-2 Contact discharge
– ±15-kV IEC 61000-4-2 Air gap discharge
– ±4-kV IEC 61000-4-4 Fast transient burst
– ±16-V bus fault protection (absolute max
voltage on bus pins)
• Extended industrial temperature range:
-40°C to 125°C
• Low power consumption
– Shutdown supply current < 5 μA
– Quiescent current during operation < 3 mA
• Glitch-free power-up/power-down for hot plug-in
capability
• Open, short, and idle bus failsafe
• Small, space-saving 16-VQFN (3 mm x 3 mm)
package

2 Applications
• Factory automation & control
• Building automation
• Industrial transport
• HVAC systems
• Smart meters
• Lighting
• Grid Infrastructure

3 Description
The THVD1424 is a flexible RS-485 transceiver
for industrial applications. The device has features
such as on-chip 120-Ω termination resistor, slew rate
control and interchangeability between half and full
duplex mode. All the features are pin-controlled. This
enables the device to be used at any node location
(end nodes or middle nodes) in any network, twowire
(half duplex) or 4-wire (full duplex), slow or
fast. End-equipment designers can now design a
common printed circuit board (PCB) and configure it
via software for various application needs. This can
save considerable design and qualification time for
the customers.
The bus pins are immune to high levels of IEC
Contact Discharge ESD events, eliminating the need
for additional system level protection components.
The device operates from 3 to 5.5-V bus supply, while
the logic supply voltage range is 1.65 V to 5.5 V.
The wide common-mode voltage range and low input
leakage on bus pins makes the devices suitable for
multi-point applications over long cable runs.
The device is available in a space-saving, thermally
efficient 16-pin VQFN package. The device is
characterized for ambient temperatures from –40°C to
125°C.




Similar Part No. - THVD1424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1424 TI2-THVD1424 Datasheet
1Mb / 36P
THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching
REVISED MARCH 2023
THVD1424RGTR TI2-THVD1424RGTR Datasheet
1Mb / 36P
THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching
REVISED MARCH 2023
THVD1424RGTR.A TI2-THVD1424RGTR.A Datasheet
1Mb / 36P
THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching
REVISED MARCH 2023
THVD1424RGTRG4 TI2-THVD1424RGTRG4 Datasheet
1Mb / 36P
THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching
REVISED MARCH 2023
THVD1424RGTRG4.A TI2-THVD1424RGTRG4.A Datasheet
1Mb / 36P
THVD1424 3-V to 5.5-V RS-485 Transceiver With Slew Rate Control, Integrated 120-Ohm Switchable Termination Resistor and Duplex Switching
REVISED MARCH 2023
More results


Similar Description - THVD1424

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Oct-2005
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
logo
Texas Instruments
THVD1454 TI1-THVD1454 Datasheet
1Mb / 28P
THVD1454 3-V to 5.5-V Half Duplex RS-485 Transceiver With Integrated 120 Ω Switchable Termination and Slew Rate Control
JANUARY 2023
THVD1454 TI1-THVD1454_V01 Datasheet
1Mb / 33P
THVD1454 3-V to 5.5-V Half Duplex RS-485 Transceiver With Integrated 120 Ω Switchable Termination and Slew Rate Control
REVISED JULY 2023
THVD1400V TI-THVD1400V Datasheet
1Mb / 31P
THVD1400V 3-V to 5.5-V RS-485 Transceiver with Flexible I/O Supply, Slew Rate Control and Integrated IEC ESD Protection
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com