Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS544C26 Datasheet (PDF) - Texas Instruments

TPS544C26 Datasheet PDF - Texas Instruments
Part # TPS544C26
Download  TPS544C26 Download
File Size   4609.3 Kbytes
Page   131 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS544C26 4-V to 16-V Input, 35-A Synchronous Buck Converter With SVID And I2C Interfaces

TPS544C26 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS544C26 Datasheet PDF - Texas Instruments

Part # TPS544C26
Download  TPS544C26 Click to download

File Size   4609.3 Kbytes
Page   131 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS544C26 4-V to 16-V Input, 35-A Synchronous Buck Converter With SVID And I2C Interfaces

TPS544C26 Datasheet (HTML) - Texas Instruments


TPS544C26 Product details

1 Features
• Single chip power supply for SVID rails
• Intel® VR13 SVID compliant
• I2C interface with NVM for configuration, telemetry
(V/I/T) and fault reporting
• Input power monitoring for DDR5 memory RAPL
• Integrated 4.0-mΩ and 1.0-mΩ MOSFETs for 35-A
continuous current operation
• Supports external 5-V bias improving efficiency
and enabling 2.7-V minimum input voltage
• VOUT programmable from 0.25 V to 3.04 V
• Precision voltage reference and differential remote
sense for high output accuracy
– ±0.5% VOUT tolerance from 0°C to 85°C TJ
– ±1% VOUT tolerance from –40°C to 125°C TJ
• D-CAP+™ control topology with fast transient
response, supporting all ceramic output capacitors
• Programmable internal loop compensation
including droop
• Selectable cycle-by-cycle valley current limit
• Selectable operation frequency 0.6 MHz to 1.2
MHz with DCM or FCCM operation
• Safe start-up into pre-biased outputs
• Programmable soft-start time from 1 ms to 16 ms
• Programmable soft-stop time from 0.5 ms to 4 ms
• Open-drain power-good output (VRRDY) and
Catastrophic fault indicator (CAT_FAULT#)
• Programmable overcurrent, overvoltage,
undervoltage, overtemperature protections
• 5 mm × 6 mm, 37-pin WQFN-FCRLF package
• TPS548C26 non-SVID/I2C analog converter in the
same package available soon

2 Applications
• Server and cloud-computing POLs
• Hardware accelerator
• Network interface card

3 Description
The TPS544C26 device is a highly integrated buck
converter with D-CAP+ control topology for the fast
transient response. All programmable parameters can
be configured by the I2C interface and stored in NVM
as the new default values to minimize the external
component count. These features make the device
well-suited for space-constrained applications.
The TPS544C26 device is designed to work with
Intel CPUs and fits well for single-phase, low-to-mid
current SVID rails in Intel’s server and SoC platforms.
Fault management and status reports for the
Overcurrent limit, VOUT OVF/UVF, and OTF are
provided on the device. The TPS544C26 device
provides a full set of telemetry, including VOUT,
IOUT, and IC temperature. Additionally, input power
monitoring through an external sensing resistor is
provided for board-level power management.
The TPS544C26 device is a lead-free device and is
RoHS compliant without exemption.




Similar Part No. - TPS544C26

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544C20 TI-TPS544C20 Datasheet
2Mb / 74P
TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C20 TI1-TPS544C20 Datasheet
2Mb / 75P
4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544C20 TI2-TPS544C20 Datasheet
2Mb / 76P
TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT™ Synchronous Buck Converters with PMBus™
REVISED JULY 2016
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
Synchronous Buck Converters
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 75P
4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Similar Description - TPS544C26

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS542A50 TI-TPS542A50 Datasheet
3Mb / 39P
TPS542A50 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense and I2C
TPS542A52 TI-TPS542A52 Datasheet
3Mb / 33P
TPS542A52 4-V to 18-V Input, 15-A, Synchronous Buck Converter With Differential Remote Sense
TPS564242 TI-TPS564242 Datasheet
1Mb / 31P
TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS548C26 TI-TPS548C26 Datasheet
2Mb / 39P
TPS548C26 4-V to 16-V Input, 35-A Synchronous Buck Converter with Differential Remote Sense
MARCH 2023
TPS54KB20 TI-TPS54KB20 Datasheet
1Mb / 34P
TPS54KB2x 4-V to 16-V Input, 25-A, Remote Sense, D-CAP4 Synchronous Buck Converter
MAY 2023
TPS548D26 TI1-TPS548D26 Datasheet
3Mb / 35P
TPS548D26 4-V to 16-V Input, 40-A Synchronous Buck Converter With Differential Remote Sense
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com