Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSOT03C Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

GSOT03C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # GSOT03C
Download  GSOT03C Download
File Size   341.22 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description TVS Diode Array

GSOT03C Datasheet (PDF)

Go To PDF Page Download Datasheet
GSOT03C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # GSOT03C
Download  GSOT03C Click to download

File Size   341.22 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description TVS Diode Array

GSOT03C Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


GSOT03C Product details

Features
Ultra low leakage: nA level
Operating voltage: 3.3V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 20A (8/20μs)
RoHS Compliant

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet




Similar Part No. - GSOT03C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSOT03C VISHAY-GSOT03C Datasheet
103Kb / 4P
ESD Protection Diode
02-Jun-03
GSOT03C VISHAY-GSOT03C Datasheet
185Kb / 12P
Two-Line ESD-Protection in SOT-23
22-Jul-10
GSOT03C VISHAY-GSOT03C Datasheet
180Kb / 14P
Two-Line ESD Protection in SOT-23
17-Apr-2019
logo
Guangdong Youtai Semico...
GSOT03C-E3-08 UMW-GSOT03C-E3-08 Datasheet
382Kb / 13P
Two-line ESD protection device
logo
Vishay Siliconix
GSOT03C-GS08 VISHAY-GSOT03C-GS08 Datasheet
185Kb / 12P
Two-Line ESD-Protection in SOT-23
22-Jul-10
More results


Similar Description - GSOT03C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com