Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2401AS-7 Datasheet (PDF) - Diodes Incorporated

AP2401AS-7 Datasheet PDF - Diodes Incorporated
Part # AP2401AS-7
Download  AP2401AS-7 Download
File Size   494.43 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF

AP2401AS-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2401AS-7 Datasheet PDF - Diodes Incorporated

Part # AP2401AS-7
Download  AP2401AS-7 Click to download

File Size   494.43 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF

AP2401AS-7 Datasheet (HTML) - Diodes Incorporated


AP2401AS-7 Product details

Features
• Single Channel Current-Limited Power Switch
• Output Discharge Function
• Output Current Latch-Off when OCP Triggered
• Fast Short-Circuit Response Time: 2µs
• 2.5A Accurate Current Limiting
• Reverse Current Blocking
• 70mΩ On-Resistance
• Input Voltage Range: 2.7V - 5.5V
• Built-In Soft-Start with 0.6ms Typical Rise Time
• Overcurrent and Thermal Protection
• Fault Report (FLG) with Blanking Time (7ms typ)
• ESD Protection: 2kV HBM, 200V MM
• Active Low (AP2401A) or Active High (AP2411A) Enable
• Ambient Temperature Range: -40°C to +85°C
• SO-8, MSOP-8, MSOP-8EP, U-DFN3030-8 and U-DFN2020-6:
Available in “Green” Molding Compound (No Br, Sb)
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• UL Recognized, File Number E322375
• IEC60950-1 CB Scheme Certified

Applications
• LCD TVs & Monitors
• Set-Top-Boxes, Residential Gateways
• Laptops, Desktops, Servers, E-Readers
• Printers, Docking Stations, HUBs




Similar Part No. - AP2401AS-7

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
829Kb / 22P
DUAL LDO REGULATORS
logo
Diodes Incorporated
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2401 DIODES-AP2401 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
logo
BCD Semiconductor Manuf...
AP2401B12KTR-E1 BCDSEMI-AP2401B12KTR-E1 Datasheet
747Kb / 22P
DUAL LDO REGULATORS
More results


Similar Description - AP2401AS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2401 DIODES-AP2401 Datasheet
269Kb / 15P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Rev erse
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com