Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2207 Datasheet (PDF) - CIT Relay & Switch

MS2207 Datasheet PDF - CIT Relay & Switch
Part # MS2207
Download  MS2207 Download
File Size   125.81 Kbytes
Page   1 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

MS2207 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS2207 Datasheet PDF - CIT Relay & Switch

Part # MS2207
Download  MS2207 Click to download

File Size   125.81 Kbytes
Page   1 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description CIT SWITCH

MS2207 Datasheet (HTML) - CIT Relay & Switch


MS2207 Product details

SPECIFICATIONS
    Switch Function DPDT
    Electrical Ratings 300mA @ 50VDC
    Electrical Life 10,000 cycles typical
    Contact Resistance < 50 mΩ initial
    Actuation Force 250 +/- 100gF
    Actuator Travel 2.0 mm total
    Dielectric Strength 1000Vrms min
    Insulation Resistance > 100MΩ min
    Operating Temperature -40°C to 85°C
    Storage Temperature -40°C to 85°C




Similar Part No. - MS2207

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS2207 ADPOW-MS2207 Datasheet
114Kb / 3P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
logo
Eaton All Rights Reserv...
MS22073-1 EATON-MS22073-1 Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
MS22073-10 EATON-MS22073-10 Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
MS22073-10V EATON-MS22073-10V Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
MS22073-11-2 EATON-MS22073-11-2 Datasheet
104Kb / 2P
Sub-Miniature Precision Circuit Breaker
December, 2003
More results


Similar Description - MS2207

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com