Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9531 Datasheet (PDF) - Cree, Inc

9531 Datasheet PDF - Cree, Inc
Part # 9531
Download  9531 Download
File Size   387.25 Kbytes
Page   3 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description LED MR16 Lamp

9531 Datasheet (PDF)

Go To PDF Page Download Datasheet
9531 Datasheet PDF - Cree, Inc

Part # 9531
Download  9531 Click to download

File Size   387.25 Kbytes
Page   3 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description LED MR16 Lamp

9531 Datasheet (HTML) - Cree, Inc


9531 Product details

Product Description
The Cree LM16 delivers up to 620 lumens while achieving over 68 lumens per
watt. The LM16 LED MR16 lamp is available in a variety of beam angles with a color
temperature of 3000K. Designed to halogen MR16 lamp standards, the LM16 LED
lamp imitates the size, appearance and lumen performance of halogen lamps. This
lamp saves 80 percent of annual energy savings and is suitable for open track
fixtures and non-IC rated downlights. It is capable of dimming down to 5 percent
and is perfect for down lighting, track and accent lighting use in both commercial
and retail applications.




Similar Part No. - 9531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
9531 PHILIPS-9531 Datasheet
154Kb / 20P
8-bit I2C LED dimmer
2003 Nov 10
logo
Keystone Electronics Co...
9531 KEYSTONE-9531 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
TE Connectivity Ltd
953119-2 TEC-953119-2 Datasheet
35Kb / 1P
Micro Quadlok Housings and Connectors
logo
Vishay Siliconix
95311E3 VISHAY-95311E3 Datasheet
108Kb / 7P
Aluminum Capacitors SMD (Chip), Very Low Z
03-Jul-08
logo
KNIPEX
9531250 KNIPEX-9531250 Datasheet
309Kb / 3P
Cable Cutter (ratchet action)
05.07.2021
More results


Similar Description - 9531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92560 TI-TPS92560 Datasheet
704Kb / 17P
SIMPLE LED DRIVER FOR MR16 AND AR111 APPLICATIONS
logo
List of Unclassifed Man...
MR16X-005-3000 ETC2-MR16X-005-3000 Datasheet
300Kb / 5P
5W MR16 High Power LED Lamp
logo
BetLux Electronics
TLL-M16-061 BETLUX-TLL-M16-061 Datasheet
35Kb / 1P
Spot Lamp Series MR16
REV NO: V. 1
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16F3W-061 BETLUX-TLL-MR16F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16H1W-061 BETLUX-TLL-MR16H1W-061 Datasheet
39Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16HT3W-061 BETLUX-TLL-MR16HT3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
logo
Diodes Incorporated
AL8823 DIODES-AL8823 Datasheet
331Kb / 14P
MR16 SINGLE BOOST LED CONTROLLER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM4117 HMSEMI-HM4117 Datasheet
600Kb / 8P
MR16 LED
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com