Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ930C Datasheet (PDF) - List of Unclassifed Manufacturers

SQ930C Datasheet PDF - List of Unclassifed Manufacturers
Part # SQ930C
Download  SQ930C Download
File Size   944.45 Kbytes
Page   20 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description High-Speed USB 2.0 Video Camera Controller

SQ930C Datasheet (PDF)

Go To PDF Page Download Datasheet
SQ930C Datasheet PDF - List of Unclassifed Manufacturers

Part # SQ930C
Download  SQ930C Click to download

File Size   944.45 Kbytes
Page   20 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description High-Speed USB 2.0 Video Camera Controller

SQ930C Datasheet (HTML) - List of Unclassifed Manufacturers


SQ930C Product details

[SERVICE & QUALITY TECHNOLOGY CO., LTD.]

General Description
The SQ930C High-Speed USB 2.0 Video Camera Controller is a highly integrated and cost-effective solution designed for USB 2.0 PC Camera based applications. It can interface to major brands of CMOS sensors with VGA / 1.3M pixels.

Features
Hardware
● Fully compliant with high-speed USB 2.0 specification and 1.1 specification
● Supports varieties of CMOS sensor
● Movie mode (@ 60MHz)
    - JPEG 30fps @ VGA (USB1.1/2.0)
    - Raw data 30fps @ VGA (USB 2.0)
● Built-in JPEG encoder
● Embedded SRAM for image buffer to save overall system cost
● Supports global/color gain control
● Supports Operation Bias(OB)
● 8032 CPU
    - Compatible with industry standard 803x/805x
    - Standard 8051 instruction set
    - Control signals for standard 803x/805x I/O ports
    - 4 clocks/instruction cycle
● Embedded 256 bytes SRAM for CPU
● Embedded 32K bytes ROM for CPU
● One button shot (still image capture)
● Supports external EEPROM for PID/VID
● Uses USB bus power
● Operation clock: USB PIE & CPU at 30Mhz, others at 60Mhz
● Operation voltage: 3.3V IO 2.5 Core logic

Firmware
● Supports Auto Exposure (AE)
● Supports Auto White Balance (AWB)
● Supports Auto Gain Control (AGC)

Software
● Supports still image capture
● TWAIN/WDM software driver
● Compatible with Windows98SE/2000/ME/XP

CMOS Sensors Supported
● CMOS sensor
    1.3M: Micron MI1300
              Omnivision OV9630
    VGA: ICMedia ICM-105C
              Hynix HV7131E, HV7131R
              Micron MI0360
              Omnivision OV7660




Similar Part No. - SQ930C

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SQ9023P12NF LSTD-SQ9023P12NF Datasheet
641Kb / 1P
High quality etched copper circuitry
logo
Semicoa Semiconductor
SQ918 SEMICOA-SQ918 Datasheet
30Kb / 1P
Chip Type 2C918 Geometry 0013 Polarity NPN
SQ918F SEMICOA-SQ918F Datasheet
30Kb / 1P
Chip Type 2C918 Geometry 0013 Polarity NPN
logo
Vishay Siliconix
SQ9407EY VISHAY-SQ9407EY Datasheet
263Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
16-Jun-11
SQ9407EY VISHAY-SQ9407EY Datasheet
206Kb / 10P
Automotive P-Channel 30 V (D-S) 175 °C MOSFET
20-May-13
More results


Similar Description - SQ930C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC1100 ETC-DC1100 Datasheet
323Kb / 3P
USB 2.0 VIDEO CAMERA CONTROLLER
logo
GENESYS LOGIC
GL860 GENESYS-GL860 Datasheet
266Kb / 24P
USB 2.0 PC Camera Controller
GL860A GENESYS-GL860A Datasheet
998Kb / 42P
USB 2.0 UVC Camera Controller
logo
STMicroelectronics
ST72682 STMICROELECTRONICS-ST72682 Datasheet
542Kb / 36P
USB 2.0 high-speed Flash drive controller
14-Aug-2007
logo
List of Unclassifed Man...
M5603C ETC2-M5603C Datasheet
89Kb / 1P
HIGH-SPEED USB2.0 VIDEO CAMERA CONTROLLER
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
List of Unclassifed Man...
TX53 ETC2-TX53 Datasheet
1Mb / 14P
Two High Speed USB 2.0 ports, Two Camera Interfaces
logo
Leopard Imaging Inc.
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
USB 2.0 Camera
LI-OV7725-USB-72 LEOPARD-LI-OV7725-USB-72 Datasheet
463Kb / 2P
USB 2.0 Camera
LI-USB20-OV5640-PAR-AF LEOPARD-LI-USB20-OV5640-PAR-AF Datasheet
1Mb / 4P
USB 2.0 Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com