Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML0030 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML0030 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # IRLML0030
Download  IRLML0030 Download
File Size   2527.47 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

IRLML0030 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML0030 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML0030
Download  IRLML0030 Click to download

File Size   2527.47 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

IRLML0030 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


IRLML0030 Product details

Description
The IRLML0030 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a Battery protection or in other Switching application.

General Features
VDS = 30V ID =4.2A
RDS(ON) < 38mΩ @ VGS=10V

Application
Lithium battery protection Wireless impact
Mobile phone fast charging




Similar Part No. - IRLML0030

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML0030 UMW-IRLML0030 Datasheet
444Kb / 8P
Lower switching losses
logo
EVER SEMICONDUCTOR CO.,...
IRLML0030 EVVOSEMI-IRLML0030 Datasheet
379Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML0030PBF IRF-IRLML0030PBF Datasheet
197Kb / 10P
HEXFETPower MOSFET
IRLML0030PBF IRF-IRLML0030PBF Datasheet
197Kb / 10P
ADVANCED PROCESS TECHNOLOGY
IRLML0030PBF-1 IRF-IRLML0030PBF-1 Datasheet
212Kb / 9P
Industry-standard pinout SOT-23 Package
More results


Similar Description - IRLML0030

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com