Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6346 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML6346 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # IRLML6346
Download  IRLML6346 Download
File Size   2527.48 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

IRLML6346 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML6346 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML6346
Download  IRLML6346 Click to download

File Size   2527.48 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

IRLML6346 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


IRLML6346 Product details

Description
to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a Battery protection or in other Switching application.
The IRLML6346 uses advanced trench technology

General Features
VDS = 30V ID =4.2A
RDS(ON) < 38mΩ @ VGS=10V

Application
Lithium battery protection Wireless impact
Mobile phone fast charging




Similar Part No. - IRLML6346

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRLML6346 EVVOSEMI-IRLML6346 Datasheet
374Kb / 8P
N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRLML6346PBF IRF-IRLML6346PBF Datasheet
218Kb / 10P
HEXFET Power MOSFET
IRLML6346PBF IRF-IRLML6346PBF Datasheet
218Kb / 10P
RoHS compliant containing no lead, no bromide and no halogen
IRLML6346PBF IRF-IRLML6346PBF_15 Datasheet
218Kb / 10P
RoHS compliant containing no lead, no bromide and no halogen
logo
Guangdong Youtai Semico...
IRLML6346TR UMW-IRLML6346TR Datasheet
461Kb / 8P
N-Channel MOSFET
More results


Similar Description - IRLML6346

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com