Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML9303 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML9303 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # IRLML9303
Download  IRLML9303 Download
File Size   755.94 Kbytes
Page   6 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description P-Channel Enhancement Mode Power MOSFET

IRLML9303 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML9303 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML9303
Download  IRLML9303 Click to download

File Size   755.94 Kbytes
Page   6 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description P-Channel Enhancement Mode Power MOSFET

IRLML9303 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


IRLML9303 Product details

General Description
The use s advanced trenc h technolog y
to provide excellent RDS(ON), low gate charge
and operation with gate voltages as low as 2.5V.
This device is suitable for use as a load switch or
in PWM applications.
IRLML9303

Features
VDS -30V
ID (at VGS=-10V) -5.0A
RDS(ON) (at VGS=-10V) 50mΩ(Max)
RDS(ON) (at VGS=-4.5V) 65mΩ(Max)
RDS(ON) (at VGS=-2.5V) 90mΩ(Max)




Similar Part No. - IRLML9303

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
Industry-standard pinout
logo
EVER SEMICONDUCTOR CO.,...
IRLML9303 EVVOSEMI-IRLML9303 Datasheet
354Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML9303PBF IRF-IRLML9303PBF Datasheet
206Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML9303PBF IRF-IRLML9303PBF_15 Datasheet
206Kb / 10P
Compatible with existing Surface Mount Techniques
logo
Guangdong Youtai Semico...
IRLML9303TR UMW-IRLML9303TR Datasheet
470Kb / 8P
Industry-standard pinout
More results


Similar Description - IRLML9303

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com