Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS12U1GD50-3 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

JS12U1GD50-3 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # JS12U1GD50-3
Download  JS12U1GD50-3 Download
File Size   1793.24 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line High Power TVS Diode

JS12U1GD50-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
JS12U1GD50-3 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # JS12U1GD50-3
Download  JS12U1GD50-3 Click to download

File Size   1793.24 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line High Power TVS Diode

JS12U1GD50-3 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


JS12U1GD50-3 Product details

Features
5400W peak pulse power (8/20
Low leakage: nA level
Low operating voltage: 12V
Ultra low clamping voltage
One power line protects
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 80A (5/50ns)
– IEC61000-4-5 (Lightning) 180A (8/20μs)
RoHS Compliant

Applications
Cell phone handsets and accessories
Personal digital assistants (PDA’s)
Notebooks, desktops, and servers
Portable instrumentation
Cordless phones
Digital cameras
Peripherals
MP3 players




Similar Part No. - JS12U1GD50-3

ManufacturerPart #DatasheetDescription
logo
Clarke International
JS1224 CLARKE-JS1224 Datasheet
1Mb / 16P
JUMPSTART
DL1023 Rev 10
JS1224LI CLARKE-JS1224LI Datasheet
1Mb / 16P
JUMPSTARTER
GC0325 Rev 1
JS1224LI JUMBO CLARKE-JS1224LI JUMBO Datasheet
1Mb / 16P
JUMPSTARTER
DL0725
JS1224LIN CLARKE-JS1224LIN Datasheet
3Mb / 16P
12/24V JUMPSTARTER
DL0723
logo
Bel Fuse Inc.
JS125-R BEL-JS125-R Datasheet
478Kb / 2P
Time-lag Fuse Series
More results


Similar Description - JS12U1GD50-3

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0701P4-3 APMICRO-AU0701P4-3 Datasheet
799Kb / 4P
1-Line High Power TVS Diode
AU1201P4-3 APMICRO-AU1201P4-3 Datasheet
783Kb / 4P
1-Line High Power TVS Diode
AU4501P4-3 APMICRO-AU4501P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
AU4521P4-3 APMICRO-AU4521P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
logo
Shanghai Leiditech Elec...
ESD0701P3 LEIDITECH-ESD0701P3 Datasheet
3Mb / 4P
1-Line High Power TVS Diode
SD2401P4-3 LEIDITECH-SD2401P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
SD4501P4-3 LEIDITECH-SD4501P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
AZ4712-01F LEIDITECH-AZ4712-01F Datasheet
1Mb / 4P
1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
logo
TECH PUBLIC Electronics...
ESD5641D12 TECHPUBLIC-ESD5641D12 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
TPTVSHC3N12VU TECHPUBLIC-TPTVSHC3N12VU Datasheet
1Mb / 4P
1-Line High Power TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com