Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LESD8D12CT5G Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

LESD8D12CT5G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # LESD8D12CT5G
Download  LESD8D12CT5G Download
File Size   1646.18 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BIDIRECTIONAL TVS DIODE

LESD8D12CT5G Datasheet (PDF)

Go To PDF Page Download Datasheet
LESD8D12CT5G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LESD8D12CT5G
Download  LESD8D12CT5G Click to download

File Size   1646.18 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BIDIRECTIONAL TVS DIODE

LESD8D12CT5G Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


LESD8D12CT5G Product details

Features
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 12V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 8A (8/20μs)
RoHS Compliant

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players




Similar Part No. - LESD8D12CT5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD8D12CAT5G LRC-LESD8D12CAT5G Datasheet
230Kb / 3P
ESD PROTECTION DIODE
logo
Shanghai Leiditech Elec...
LESD8D12CAT5G LEIDITECH-LESD8D12CAT5G Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
More results


Similar Description - LESD8D12CT5G

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
SD18CW LEIDITECH-SD18CW Datasheet
333Kb / 3P
BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com