Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTR3A30PZ Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

NTR3A30PZ Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # NTR3A30PZ
Download  NTR3A30PZ Download
File Size   2672.41 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description -20V P-Channel Enhancement Mode MOSFET

NTR3A30PZ Datasheet (PDF)

Go To PDF Page Download Datasheet
NTR3A30PZ Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NTR3A30PZ
Download  NTR3A30PZ Click to download

File Size   2672.41 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description -20V P-Channel Enhancement Mode MOSFET

NTR3A30PZ Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


NTR3A30PZ Product details

Description
The NTR3A30PZ uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a Battery protection or in other Switching application.

General Features
VDS = -20V ID =-4.9A
RDS(ON) < 38mΩ @ VGS=-4.5V

Application
Battery protection Load switch Uninterruptible power supply




Similar Part No. - NTR3A30PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3A30PZ ONSEMI-NTR3A30PZ Datasheet
119Kb / 6P
??0 V, ??.9 A, Single P?묬hannel 2.4 x 2.9 x 1.0 mm SOT??3 Package
April, 2013 ??Rev. 0
NTR3A30PZ ONSEMI-NTR3A30PZ Datasheet
101Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
NTR3A30PZT1G ONSEMI-NTR3A30PZT1G Datasheet
119Kb / 6P
??0 V, ??.9 A, Single P?묬hannel 2.4 x 2.9 x 1.0 mm SOT??3 Package
April, 2013 ??Rev. 0
NTR3A30PZT1G ONSEMI-NTR3A30PZT1G Datasheet
101Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
NTR3A30PZ ONSEMI-NTR3A30PZ_16 Datasheet
101Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
More results


Similar Description - NTR3A30PZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com