Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVR5198NL Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

NVR5198NL Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # NVR5198NL
Download  NVR5198NL Download
File Size   1928.1 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 60V N-Channel Enhancement Mode MOSFET

NVR5198NL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVR5198NL Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # NVR5198NL
Download  NVR5198NL Click to download

File Size   1928.1 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 60V N-Channel Enhancement Mode MOSFET

NVR5198NL Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


NVR5198NL Product details

Description
The uses advanced trench techno logy
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. Thi s
device is suitable for use as a Battery protection
or in other Switching application.
NVR5198NL

General Features
VDS = 60V ID =3A
RDS(ON) < 100mΩ @ VGS=10V

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - NVR5198NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR5198NL ONSEMI-NVR5198NL Datasheet
132Kb / 6P
N?묬hannel Logic Power MOSFET
August, 2013 ??Rev. 1
NVR5198NLT1G ONSEMI-NVR5198NLT1G Datasheet
132Kb / 6P
N?묬hannel Logic Power MOSFET
August, 2013 ??Rev. 1
NVR5198NLT1G ONSEMI-NVR5198NLT1G Datasheet
116Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
NVR5198NLT3G ONSEMI-NVR5198NLT3G Datasheet
132Kb / 6P
N?묬hannel Logic Power MOSFET
August, 2013 ??Rev. 1
NVR5198NLT3G ONSEMI-NVR5198NLT3G Datasheet
116Kb / 6P
Power MOSFET
October, 2016 ??Rev. 2
More results


Similar Description - NVR5198NL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com