Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD24VL2BT Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD24VL2BT Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD24VL2BT
Download  PESD24VL2BT Download
File Size   225.94 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 2-Line Bi-directional TVS Diode Array

PESD24VL2BT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD24VL2BT Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD24VL2BT
Download  PESD24VL2BT Click to download

File Size   225.94 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 2-Line Bi-directional TVS Diode Array

PESD24VL2BT Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESD24VL2BT Product details

Features
Ultra low leakage: nA level
Operating voltage: 24V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant
AEC−Q101 Com pliant

Applications
USB 2.0 power and data line
CAN BUS
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet




Similar Part No. - PESD24VL2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VL2BT PHILIPS-PESD24VL2BT Datasheet
179Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
PESD24VL2BT NXP-PESD24VL2BT Datasheet
189Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
TECH PUBLIC Electronics...
PESD24VL2BT TECHPUBLIC-PESD24VL2BT Datasheet
956Kb / 4P
Can bus Esd Protection Diode
logo
Nexperia B.V. All right...
PESD24VL2BT NEXPERIA-PESD24VL2BT Datasheet
748Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
logo
Guangdong Youtai Semico...
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
280W peak pulse power (tp= 8/20μs)
More results


Similar Description - PESD24VL2BT

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SMC24 DIOTECH-SMC24 Datasheet
920Kb / 3P
2-LINE Bi-DIRECTIONAL TVS ARRAY / ESD ARRAY
logo
Applied Power Microelec...
ASM05C APMICRO-ASM05C Datasheet
775Kb / 6P
2-Line Bi-directional TVS Diode Array
AU0514PD APMICRO-AU0514PD Datasheet
1Mb / 4P
4-Line Bi-directional TVS Diode Array
AU0522S5 APMICRO-AU0522S5 Datasheet
590Kb / 4P
2-Line Bi-directional Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
SMC12W LEIDITECH-SMC12W Datasheet
387Kb / 3P
2-Line Bi-directional TVS Diode Array
SMC05Q LEIDITECH-SMC05Q Datasheet
578Kb / 3P
2-Line Bi-directional TVS Diode Array
SMC24C LEIDITECH-SMC24C Datasheet
802Kb / 4P
2-Line Bi-directional TVS Diode Array
SMC24Q LEIDITECH-SMC24Q Datasheet
625Kb / 3P
2-Line Bi-directional TVS Diode Array
PESD12VL2BT LEIDITECH-PESD12VL2BT Datasheet
280Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com