Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0F1BL Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD5V0F1BL Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD5V0F1BL
Download  PESD5V0F1BL Download
File Size   2128.47 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE

PESD5V0F1BL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0F1BL Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD5V0F1BL
Download  PESD5V0F1BL Click to download

File Size   2128.47 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE

PESD5V0F1BL Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESD5V0F1BL Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 4.5A (8/20μs)
RoHS Compliant

Applications
Smart phones
Display Ports
MDDI Ports
USB Ports
Digital Video Interface (DVI)
PCI Express and Serial SATA Ports




Similar Part No. - PESD5V0F1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BL NXP-PESD5V0F1BL Datasheet
88Kb / 10P
Femtofarad bidirectional ESD protection diode
Rev. 01-1 October 2009
logo
Nexperia B.V. All right...
PESD5V0F1BL NEXPERIA-PESD5V0F1BL Datasheet
246Kb / 11P
Femtofarad bidirectional ESD protection diode
14 April 2023
logo
Guangdong Youtai Semico...
PESD5V0F1BL UMW-PESD5V0F1BL Datasheet
476Kb / 5P
Bidirectional ESD protection of one line
logo
Nexperia B.V. All right...
PESD5V0F1BL-Q NEXPERIA-PESD5V0F1BL-Q Datasheet
246Kb / 11P
Femtofarad bidirectional ESD protection diode
10 June 2022
PESD5V0F1BLD NEXPERIA-PESD5V0F1BLD Datasheet
493Kb / 12P
Femtofarad bidirectional ESD protection diode
More results


Similar Description - PESD5V0F1BL

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC0342P LEIDITECH-ULC0342P Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
BDFN2C051UF LEIDITECH-BDFN2C051UF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CDDFN2-T5.0LC LEIDITECH-CDDFN2-T5.0LC Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
CPDQC5V0SC-HF LEIDITECH-CPDQC5V0SC-HF Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD112-B1-02EL LEIDITECH-ESD112-B1-02EL Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESD5V0B03-1006 LEIDITECH-ESD5V0B03-1006 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
ESDAXLC6-1BT2 LEIDITECH-ESDAXLC6-1BT2 Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
PESDMC2FD5VB LEIDITECH-PESDMC2FD5VB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
PESDSC2FD5VB LEIDITECH-PESDSC2FD5VB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
TT0521SB LEIDITECH-TT0521SB Datasheet
2Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com