Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDUC2FD3V3B Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESDUC2FD3V3B Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESDUC2FD3V3B
Download  PESDUC2FD3V3B Download
File Size   337.81 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE

PESDUC2FD3V3B Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDUC2FD3V3B Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESDUC2FD3V3B
Download  PESDUC2FD3V3B Click to download

File Size   337.81 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE

PESDUC2FD3V3B Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESDUC2FD3V3B Product details

Features
Ultra low leakage: nA level
Operating voltage: 3.3 V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 4A (8/20 μs)
RoHS Compliant

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet




Similar Part No. - PESDUC2FD3V3B

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
PESDUC2FD5VB YFWDIODE-PESDUC2FD5VB Datasheet
853Kb / 5P
ESD Protector
logo
Goodwork Semiconductor ...
PESDUC2FD5VBD2 GWSEMI-PESDUC2FD5VBD2 Datasheet
238Kb / 5P
ESD Protector
More results


Similar Description - PESDUC2FD3V3B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3311CDNQ LEIDITECH-ULC3311CDNQ Datasheet
643Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
ESD7551N2T5G LEIDITECH-ESD7551N2T5G Datasheet
336Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E01B04DPYT LEIDITECH-TPD1E01B04DPYT Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
BDFN2C031RF LEIDITECH-BDFN2C031RF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
CPDQC3V3A-HF LEIDITECH-CPDQC3V3A-HF Datasheet
332Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
RCLAMP3331Y LEIDITECH-RCLAMP3331Y Datasheet
429Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
RCLAMP3331ZA LEIDITECH-RCLAMP3331ZA Datasheet
431Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 1.0 : 07.07.2021
TPD1E01B04DPYR LEIDITECH-TPD1E01B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPD1E1B04DPYR LEIDITECH-TPD1E1B04DPYR Datasheet
475Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
TPESD3301P LEIDITECH-TPESD3301P Datasheet
339Kb / 4P
1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com