Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMV15ENEA Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PMV15ENEA Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PMV15ENEA
Download  PMV15ENEA Download
File Size   2572.97 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

PMV15ENEA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV15ENEA Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PMV15ENEA
Download  PMV15ENEA Click to download

File Size   2572.97 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 30V N-Channel Enhancement Mode MOSFET

PMV15ENEA Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PMV15ENEA Product details

Description
to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a Battery protection or in other Switching application.
The uses advanced trench technology PMV15ENEA

General Features
VDS = 30V ID =4.2A
RDS(ON) < 38mΩ @ VGS=10V

Application
Lithium battery protection Wireless impact
Mobile phone fast charging




Similar Part No. - PMV15ENEA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV15ENEA NEXPERIA-PMV15ENEA Datasheet
267Kb / 15P
30 V, N-channel Trench MOSFET
16 May 2019
PMV15ENEAR NEXPERIA-PMV15ENEAR Datasheet
267Kb / 15P
30 V, N-channel Trench MOSFET
16 May 2019
More results


Similar Description - PMV15ENEA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com