Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG5761 Datasheet (PDF) - STMicroelectronics

VG5761 Datasheet PDF - STMicroelectronics
Part # VG5761
Download  VG5761 Download
File Size   2350.99 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor

VG5761 Datasheet (PDF)

Go To PDF Page Download Datasheet
VG5761 Datasheet PDF - STMicroelectronics

Part # VG5761
Download  VG5761 Click to download

File Size   2350.99 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor

VG5761 Datasheet (HTML) - STMicroelectronics


VG5761 Product details

Features
• AEC-Q100 grade 2 automotive qualification ongoing
• Automotive global shutter with high-dynamic technology range (up to 98 dB
linear) and high-density charge storage
• 3.2 μm pixel GS-HDR, monochrome, visible, and IR spectrum
• Optical formats
– 1.6 MP (1464 x1104) at 75 fps in 1/3” optical format with micro lens
– 2.3 MP (1944 x1204) at 60 fps in 1/2.5” optical format with micro lens
• Very high MTF, even in near IR (perfect pixel encapsulation)
• Low noise 11-bit ADC with digital CDS
• Linear or compressed output from RAW8 to RAW16 resolution
• Output interface
– Mipi CSI-2 (4 x 0.8 Gbps)
– Parallel 12 bits (100 MHz)
– Camera control interface (CCI)
• Machine vision application support
– In-pixel HDR and background substration modes, with flexible strobe
illumination control
– Up to 4-LED control output, synchronized with sensor integration periods
– 8 regions of interest (ROI)
– Programmable sequences of 4-frame contexts
– Master/slave external frame start control
– Embedded 16-bit video processing pipe with pixel defect correction, high
dynamic range (HDR) merge with ghost removal, and programmable
compression of dynamic
– Mirror/flip/crop
– Support of subsampling by 2 and by 4
– Support of binning by 2 and by 4
– Integrated double temperature sensors
– Operating junction temperature of -40 °C to 125 °C
– Automotive qualified IM2BGA plastic package
– Large spectrum glass for visible and IR applications with dual AR coating
– ASIL B support e.g. CPU redundancy, embedded full self test, memory and
register ECC, safety manager, and voltage monitoring
– Monochrome micro lens (maximum CRA optimized for 20 °C and 0 °C)

Description
This automotive global shutter sensor product family features both HDR and ultra
low-noise where crosstalk is minimized for near infrared (NIR) scenes.
They are highly recommended for high-end computer vision applications in
demanding environments.




Similar Part No. - VG5761

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
VG5020KC-MPYIR COMPUTAR-VG5020KC-MPYIR Datasheet
88Kb / 1P
f=50mm F2.0 Day & Night for 1.1 type 12Megapixel Cameras, Fixed-focal, Stepping Motor Iris C‐Mount
2021.09
logo
Epson ToYoCom
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
logo
Epson Company
VG5032EDN EPSON-VG5032EDN Datasheet
603Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
logo
Epson ToYoCom
VG5032EFN EPSONTOYOCOM-VG5032EFN Datasheet
656Kb / 2P
VC-TCXO Ultra High Stablity
VG5032VDN EPSONTOYOCOM-VG5032VDN Datasheet
553Kb / 2P
Crystal Oscillator
More results


Similar Description - VG5761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com