Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMV48XPA Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PMV48XPA Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PMV48XPA
Download  PMV48XPA Download
File Size   1943.25 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description -20V P-Channel Enhancement Mode MOSFET

PMV48XPA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV48XPA Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PMV48XPA
Download  PMV48XPA Click to download

File Size   1943.25 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description -20V P-Channel Enhancement Mode MOSFET

PMV48XPA Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PMV48XPA Product details

Description
to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application.
The PMV48XPA uses advanced trench technology

General Features
VDS = -20V ID
=-2.3A
RDS(ON) < 150mΩ@ VGS=-4.5V
Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - PMV48XPA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV48XPA NEXPERIA-PMV48XPA Datasheet
715Kb / 15P
20 V, P-channel Trench MOSFET
10 March 2014
PMV48XPA2 NEXPERIA-PMV48XPA2 Datasheet
287Kb / 15P
20 V, P-channel Trench MOSFET
28 April 2020
PMV48XPA2 NEXPERIA-PMV48XPA2 Datasheet
288Kb / 15P
20 V, P-channel Trench MOSFET
20 February 2020
PMV48XPA2R NEXPERIA-PMV48XPA2R Datasheet
288Kb / 15P
20 V, P-channel Trench MOSFET
20 February 2020
PMV48XPA2 NEXPERIA-PMV48XPA2_V01 Datasheet
288Kb / 15P
20 V, P-channel Trench MOSFET
20 February 2020
More results


Similar Description - PMV48XPA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com