Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTG2-SLP Datasheet (PDF) - STMicroelectronics

FTG2-SLP Datasheet PDF - STMicroelectronics
Part # FTG2-SLP
Download  FTG2-SLP Download
File Size   763.46 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels

FTG2-SLP Datasheet (PDF)

Go To PDF Page Download Datasheet
FTG2-SLP Datasheet PDF - STMicroelectronics

Part # FTG2-SLP
Download  FTG2-SLP Click to download

File Size   763.46 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels

FTG2-SLP Datasheet (HTML) - STMicroelectronics


FTG2-SLP Product details

Features
■ True multi-touch – Independent XY tracking with 10 simultaneous touches in real time – Supports 21TX and 40RX channels and 1 FLOAT pin
■ Single chip solution – Supports 5.5 inch to 7 inch screen size with 4mm sensor pitch – Supports thin flexible touch-display highly capacitive panel types – Supports LTPO display panels with dynamic refresh rates
■ Advanced Analog Front End (AFE) – Simultaneous mutual sensing and self-sensing support on all the channels – Support for thin flexible touch display modules through proprietary node compensation hardware – Differential architecture with ability to configure in single-ended mode – Multiple scanning methods with multi-TX drive for high SNR and provide high noise immunity – High drive capability charge-pump to drive high capacitive panels
■ High SNR – Very low intrinsic noise to improve the device SNR and provide very high sensitivity – Extremely strong common mode charger noise rejection – Advanced filtering techniques for high noise immunity
■ SYNC support – Supports SYNC Mode and Non-SYNC Mode of operation – Supports single SYNC pin that can be used as VSYNC, HSYNC or Embedded VSYNC – Useful for quad high definition display synchronization during both mutual- sensing and self-sensing – Seamless support of variable display rate from 1Hz to 120Hz
■ Digital Core and Memory – ARM M4 core 96MHz core clock to implement all features with faster processing – 192KB Flash with GPIO6 dedicated pin for Flash Write enable for TEE framework – Advanced differential data processing for common mode noise immunity – 128KB RAM comprised of 64KB frame memory and 64KB data)
■ Advanced Features – Multi finger thick gloves, 2.5mm passive stylus, wet finger touch, water rejection, cover mode support – Finger separation ≤ 10mm – Capacitive proximity of 20mm
■ Fast report rate – Flexible Report rate of 240Hz
■ Low Power – ST proprietary Hardware and Firmware techniques to achieve low power Product status link FTG2-SLP Product summary




Similar Part No. - FTG2-SLP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FTG MSYSTEM-FTG Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-K MSYSTEM-FTG-10-K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-K/Q MSYSTEM-FTG-10-K/Q Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-L MSYSTEM-FTG-10-L Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-L/Q MSYSTEM-FTG-10-L/Q Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Similar Description - FTG2-SLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP VISHAY-TIP Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
Superior Multi-touch Capacitive Touch Screen Controller
Rev 1
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
GT928 ETC1-GT928 Datasheet
760Kb / 24P
10-Point Capacitive Touch Controller for Large-Screen Mobile Phones
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com