Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA350B Datasheet (PDF) - STMicroelectronics

STA350B Datasheet PDF - STMicroelectronics
Part # STA350B
Download  STA350B Download
File Size   2343.24 Kbytes
Page   94 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system Sound TerminalR

STA350B Datasheet (PDF)

Go To PDF Page Download Datasheet
STA350B Datasheet PDF - STMicroelectronics

Part # STA350B
Download  STA350B Click to download

File Size   2343.24 Kbytes
Page   94 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.1-channel high-efficiency digital audio system Sound TerminalR

STA350B Datasheet (HTML) - STMicroelectronics


STA350B Product details

Features
• Wide-range supply voltage
– 5 V to 26 V (operating range)
– 30 V (absolute maximum rating)
• Four power output configurations
– 2 channels of ternary PWM (stereo mode)
(2 x 50 W into 6 Ω at 25 V)
– 3 channels - left, right using binary and LFE
using ternary PWM (2.1 mode) (2 x 18 W +
1 x 40 W into 2 x 4 Ω, 1 x 8 Ω at 25 V)
– 2 channels of ternary PWM (2 x 50 W) +
stereo lineout ternary
– 1 channel of ternary PWM as mono-BTL
(1 x 90 W into 3 Ω at 24.5 V)
• FFX™ 100 dB SNR and dynamic range
• Selectable 32 to 192 kHz input sample rates
• I2C control with selectable device address
• Digital gain/attenuation +42 dB to -80 dB with
0.125 dB/step resolution
• Soft-volume update with programmable ratio
• Individual channel and master gain/attenuation
• Two independent DRCs configurable as a
dual-band anti-clipper (B2DRC) or independent
limiters/compressors

• EQ-DRC for DRC based on filtered signals
• Dedicated LFE processing for bass boosting
with 0.125 dB/step resolution
• Audio presets:
– 15 preset crossover filters
– 5 preset anti-clipping modes
– Preset nighttime listening mode
• Individual channel and master soft/hard mute
• Independent channel volume and DSP bypass
• Automatic zero-detect mute
• Automatic invalid input-detect mute
• I2S input data interface
• Input and output channel mapping
• Up to 8 user-programmable biquads per
channel
• 3 coefficient banks for EQ presets storing with
fast recall via I2C interface
• Extended coefficient dynamic up to -4..4 for
easy implementation of high shelf filters
• Bass/treble tones and de-emphasis control
• Selectable high-pass filter for DC blocking
• Advanced AM interference frequency
switching and noise suppression modes
• Selectable high or low bandwidth
noise-shaping topologies
• Selectable clock input ratio
• 96 kHz internal processing sample rate with
quantization error noise shaping for very low
cutoff frequency filters
• Thermal overload and short-circuit protection
embedded
• Video apps: 576 x Fs input mode supported
• Fully compatible with the STA339BW and the
STA339BWS




Similar Part No. - STA350B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
Sound Terminal® 2.1-channel high-efficiency digital audio system
13-Apr-2012
More results


Similar Description - STA350B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA370BWS STMICROELECTRONICS-STA370BWS Datasheet
109Kb / 5P
2.1-channel 40-W high-efficiency digital audio system Sound Terminal?
10-Dec-2009
STA339BWS STMICROELECTRONICS-STA339BWS_11 Datasheet
2Mb / 76P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Nov-2011
STA350BW STMICROELECTRONICS-STA350BW Datasheet
1Mb / 86P
Sound Terminal® 2.1-channel high-efficiency digital audio system
13-Apr-2012
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
STA381BW STMICROELECTRONICS-STA381BW Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
03-Aug-2012
STA381BWS STMICROELECTRONICS-STA381BWS Datasheet
3Mb / 171P
Sound Terminal® 2.1-channel high-efficiency digital audio system
20-Jul-2012
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
Sound Terminal® 2.1-channel high-efficiency digital audio system
04-Apr-2012
STA381BWTR STMICROELECTRONICS-STA381BWTR Datasheet
6Mb / 174P
Sound Terminal® 2.1-channel high-efficiency digital audio system
17-May-2013
STA369BWS STMICROELECTRONICS-STA369BWS_V01 Datasheet
1Mb / 92P
2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
22-Sep-2014
STA380BW STMICROELECTRONICS-STA380BW Datasheet
5Mb / 162P
Sound Terminal® 2.1-channel high-efficiency digital audio system
15-Apr-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com