Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA342D Datasheet (PDF) - Murata Manufacturing Co., Ltd

GA342D Datasheet PDF - Murata Manufacturing Co., Ltd
Part # GA342D
Download  GA342D Download
File Size   205.52 Kbytes
Page   1 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description MURATA Safety Rated Ceramic Chip Capacitors

GA342D Datasheet (PDF)

Go To PDF Page Download Datasheet
GA342D Datasheet PDF - Murata Manufacturing Co., Ltd

Part # GA342D
Download  GA342D Click to download

File Size   205.52 Kbytes
Page   1 Pages
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd
Description MURATA Safety Rated Ceramic Chip Capacitors

GA342D Datasheet (HTML) - Murata Manufacturing Co., Ltd


GA342D Product details

• Lead Free • 250 VAC (r.m.s.)
• Base metal and lead-free technology
• GA3 is safety Rated (Y2/Y3)
• Operating Temperature: -55°C to +125°C
• Temperature Coefficient: X7R




Similar Part No. - GA342D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA342D1XGD100JY02 MURATA-GA342D1XGD100JY02 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD120JY02 MURATA-GA342D1XGD120JY02 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD150JY02 MURATA-GA342D1XGD150JY02 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD180JY02 MURATA-GA342D1XGD180JY02 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Similar Description - GA342D

ManufacturerPart #DatasheetDescription
logo
HolyStone International
SCC HOLYSTONECAPS-SCC Datasheet
220Kb / 3P
Safety Capacitors rated to 250Vac
logo
MERITEK ELECTRONICS COR...
MSC MERITEK-MSC Datasheet
286Kb / 4P
Safety Chip Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
Safety Standard Certified Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
Panasonic Semiconductor
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
Ceramic Disc Capacitors (Safety Regulations)
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
1442116 MURATA-1442116 Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
LLA319R71C104MA01L MURATA1-LLA319R71C104MA01L Datasheet
138Kb / 1P
MURATA Low ESL Ceramic Chip Capacitors
More results




About Murata Manufacturing Co., Ltd


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.

The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.

Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.

The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com