Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT6201 Datasheet (PDF) - ON Semiconductor

CAT6201 Datasheet PDF - ON Semiconductor
Part # CAT6201
Download  CAT6201 Download
File Size   434.01 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LDO Regulator - Adjustable CMOS 300 mA, 13 V

CAT6201 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6201 Datasheet PDF - ON Semiconductor

Part # CAT6201
Download  CAT6201 Click to download

File Size   434.01 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LDO Regulator - Adjustable CMOS 300 mA, 13 V

CAT6201 Datasheet (HTML) - ON Semiconductor


CAT6201 Product details

Description
The CAT6201/CAV6201B is a 13 V rated 300 mA CMOS low
dropout regulator that provides fast response time to load current and
line voltage changes in an automotive environment.
CAT6201/CAV6201B features a low RON P−channel pass element
with internal control circuitry which prevents reverse current flow
should the voltage at VOUT exceed VIN as in the case of the car’s
battery voltage accidentally being applied to VOUT.
Thermal protection and current limiting circuitry combine to protect
the pass device against faults and abuse. Current limiting is user
controlled through a single resistor to ground. A fault output (FLT)
provides an alert should an over−current event or thermal shutdown
occur.
CAT6201/CAV6201B comes on−line gracefully even though it may
be driving heavy capacitive loads thanks to built−in soft−start
circuitry. Its output is protected against accidental connection to
voltages greater than VIN and will not conduct current backwards into
its supply.
CAT6201/CAV6201B is available in 8−pad 2 mm x 3 mm TDFN package.

Features
• Guaranteed 300 mA Continuous Output Current
• Low Dropout Voltage of 250 mV Typical at 300 mA
• Input Voltage Range: 3.3 V to 13.5 V
• User Adjustable Output Voltage
• User Programmable Current Limit
• Fault Output to Indicate Under−voltage, Current Limiting or Thermal
Shutdown has Occurred
• Fault Blanking: 3 ms
• VOUT Withstands Battery Fault Voltages of up to 14 V
• Soft−Start Prevents Current Surges
• Stable with Ceramic Output Capacitor
• ±1.5% Output Voltage Initial Accuracy
• ±2.5% Accuracy Over Temperature
• Thermal Protection
• 8 Pad TDFN Package
• CAV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - CAT6201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
338Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201VP2.GT3 ONSEMI-CAT6201VP2.GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results


Similar Description - CAT6201

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202 ONSEMI-CAT6202 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6202VP2-GT3 ONSEMI-CAT6202VP2-GT3 Datasheet
149Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
October, 2012 ??Rev. 0
CAT6202 ONSEMI-CAT6202_14 Datasheet
155Kb / 10P
500 mA / 13 V Adjustable CMOS LDO Regulator
January, 2014 ??Rev. 1
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com