Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB1002 Datasheet (PDF) - DIOTEC Electronics Corporation

DB1002 Datasheet PDF - DIOTEC Electronics Corporation
Part # DB1002
Download  DB1002 Download
File Size   404.26 Kbytes
Page   2 Pages
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation
Description 10 AMP SILICON BRIDGE RECTIFIERS

DB1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
DB1002 Datasheet PDF - DIOTEC Electronics Corporation

Part # DB1002
Download  DB1002 Click to download

File Size   404.26 Kbytes
Page   2 Pages
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation
Description 10 AMP SILICON BRIDGE RECTIFIERS

DB1002 Datasheet (HTML) - DIOTEC Electronics Corporation


DB1002 Product details

FEATURES
● VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area)
● BUILT-IN STRESS RELIEF MECHANISM FOR SUPERIOR RELIABILITY AND PERFORMANCE
● SURGE OVERLOAD RATING TO 400 AMPS PEAK
● UL RECOGNIZED - FILE #E124962
● RoHS COMPLIANT

MECHANICAL DATA
   Case: Molded Epoxy (UL Flammability Rating 94V-0)
   Terminals: Round silver plated copper pins
   Soldering: Per MIL-STD 202 Method 208 guaranteed
   Polarity: Marked on side of case; positive lead at beveled corner
   Mounting Position: Any.  Through hole provided for #6 screw
   Weight: 0.18 Ounces (5.4 Grams)




Similar Part No. - DB1002

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB100 SURGE-DB100 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Carling Technologies
DB100-PB-B CARLINGTECH-DB100-PB-B Datasheet
294Kb / 2P
Single Pole Toggle Switches
More results


Similar Description - DB1002

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
T10A05L TAITRON-T10A05L Datasheet
155Kb / 4P
10 Amp Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-1000-1C DEC-BRDB-1000-1C Datasheet
406Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
10DB DEC-10DB Datasheet
406Kb / 2P
10 AMP SILICON BRIDGE RECTIFIERS
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
More results




About DIOTEC Electronics Corporation


DIOTEC Electronics Corporation is a semiconductor company based in Heitersheim, Germany that specializes in the design and manufacture of discrete semiconductors, including rectifiers, diodes, and transistors. The company was founded in 1973 and has since become a leading provider of high-quality semiconductor components for a wide range of applications.

DIOTEC Electronics' products are used in a variety of industries, including automotive, telecommunications, and industrial automation. The company's discrete semiconductors are known for their high reliability, long lifespan, and superior performance, and are used by customers around the world.

In addition to its standard product line, DIOTEC Electronics also offers custom solutions and services to meet the specific needs of its customers. The company has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers.

DIOTEC Electronics has a global presence, with offices and facilities located in Europe and Asia, and serves customers in more than 50 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com