Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84BXXXLT3G Datasheet (PDF) - ON Semiconductor

BZX84BXXXLT3G Datasheet PDF - ON Semiconductor
Part # BZX84BXXXLT3G
Download  BZX84BXXXLT3G Download
File Size   223.57 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators 250 mW SOT−23 Surface Mount

BZX84BXXXLT3G Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84BXXXLT3G Datasheet PDF - ON Semiconductor

Part # BZX84BXXXLT3G
Download  BZX84BXXXLT3G Click to download

File Size   223.57 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators 250 mW SOT−23 Surface Mount

BZX84BXXXLT3G Datasheet (HTML) - ON Semiconductor


BZX84BXXXLT3G Product details

This series of Zener diodes is offered in the convenient, surface
mount plastic SOT−23 package. These devices are designed to provide
voltage regulation with minimum space requirement. They are well
suited for applications such as cellular phones, hand held portables,
and high density PC boards.

Features
• 250 mW Rating on FR−4 or FR−5 Board
• Zener Breakdown Voltage Range − 2.4 V to 75 V
• Package Designed for Optimal Automated Board Assembly
• Small Package Size for High Density Applications
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• Tight Tolerance Series Available (See Page 4)
• SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - BZX84BXXXLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84BXXXLT3G ONSEMI-BZX84BXXXLT3G Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
BZX84BXXXLT3G ONSEMI-BZX84BXXXLT3G Datasheet
79Kb / 7P
Zener Voltage Regulators
October, 2005 ??Rev. 11
BZX84BXXXLT3G ONSEMI-BZX84BXXXLT3G Datasheet
182Kb / 7P
Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
More results


Similar Description - BZX84BXXXLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
MM5Z20VT1G ONSEMI-MM5Z20VT1G Datasheet
102Kb / 4P
Zener Voltage Regulators 300 mW SOD??23 Surface Mount
April, 2013 ??Rev. 10
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com