Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAJ6.0A Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMAJ6.0A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMAJ6.0A
Download  SMAJ6.0A Download
File Size   1342.92 Kbytes
Page   7 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description SMAJ Series 400W Transient Voltage Suppressor

SMAJ6.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ6.0A Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMAJ6.0A
Download  SMAJ6.0A Click to download

File Size   1342.92 Kbytes
Page   7 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description SMAJ Series 400W Transient Voltage Suppressor

SMAJ6.0A Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMAJ6.0A Product details

DESCRIPTION:
TVS diodes can be used in a wide range of applications
which like consumer electronic products, automotive
industries, munitions, telecommunications, aerospace
industries, and intelligent control systems.
iodes

FEATURES:
Glass passivated or planar
Excellent clamping capability
Repetition rate (duty cycle): 0.01%
Typical IR less than 1μA above 10V.
Low profile package and low
400W Peak Pulse power capability at 10×1000
Fast response time: typically less than 1.0ps from 0V to V
High temperature soldering: 260
Plastic package has Underwriters Laboratory Flammability 94V
For surface mounted applications in order to optimize board space
ar junction
A ow inductance
10×1000μs waveform.
VBR min.
emperature 260℃/10s at terminals.
94V-0.
AEC-Q101 qualified.




Similar Part No. - SMAJ6.0A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ6.0A JGD-SMAJ6.0A Datasheet
313Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMAJ6.0A EIC-SMAJ6.0A Datasheet
28Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ6.0A DIODES-SMAJ6.0A Datasheet
79Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
logo
Littelfuse
SMAJ6.0A LITTELFUSE-SMAJ6.0A Datasheet
174Kb / 4P
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
DAESAN ELECTRONIC CORP.
SMAJ6.0A DAESAN-SMAJ6.0A Datasheet
369Kb / 4P
POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
More results


Similar Description - SMAJ6.0A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
400W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMAJ50CA BOURNS-SMAJ50CA Datasheet
174Kb / 5P
SMAJ Transient Voltage Suppressor Diode Series
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G_12 Datasheet
131Kb / 6P
400W Transient Voltage Suppressor
logo
Bourns Electronic Solut...
SMAJ28 BOURNS-SMAJ28 Datasheet
379Kb / 5P
SMAJ Transient Voltage Suppressor Diode Series
SMAJ50CA BOURNS-SMAJ50CA_12 Datasheet
379Kb / 5P
SMAJ Transient Voltage Suppressor Diode Series
SMAJ90CA BOURNS-SMAJ90CA Datasheet
379Kb / 5P
SMAJ Transient Voltage Suppressor Diode Series
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
400W Transient Voltage Suppressor
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMAJ YINT-SMAJ Datasheet
1Mb / 5P
SMAJ Transient Voltage Suppressor Diode Series
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
400W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com