Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0504BAJTG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SP0504BAJTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SP0504BAJTG
Download  SP0504BAJTG Download
File Size   820.27 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Capacitance Q uad Array for ESD Protection

SP0504BAJTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP0504BAJTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP0504BAJTG
Download  SP0504BAJTG Click to download

File Size   820.27 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low Capacitance Q uad Array for ESD Protection

SP0504BAJTG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SP0504BAJTG Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±25kV
– IEC61000-4-5 (Lightning) 6A (8/20μs)
RoHS Compliant
Applications
Computers
Printers
Communication systems
Cellular phones handsets and accessories
Wireline and wireless telephone sets
Set top boxes




Similar Part No. - SP0504BAJTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
178Kb / 7P
SP050xBA Lead-Free/Green Series
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
373Kb / 9P
30pF 30kV Unidirectional TVS Array
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
1Mb / 9P
30pF 30kV Unidirectional TVS Array
SP0504BAJTG LITTELFUSE-SP0504BAJTG Datasheet
964Kb / 7P
8pF 15kV Unidirectional TVS Array
More results


Similar Description - SP0504BAJTG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESDA5VAW6T1G LRC-LESDA5VAW6T1G Datasheet
1Mb / 6P
Low Capacitance Q uad Array for ESD Protection
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G Datasheet
523Kb / 6P
Low Capacitance Q uad Array for ESD Protection
LESDA12AW5T1G LRC-LESDA12AW5T1G Datasheet
1Mb / 6P
Low Capacitance Q uad Array for ESD Protection
LESDA6V8AW5T1G LRC-LESDA6V8AW5T1G_11 Datasheet
984Kb / 4P
Low Capacitance Q uad Array for ESD Protection
LESDA12AW5T1G LRC-LESDA12AW5T1G_11 Datasheet
1Mb / 4P
Low Capacitance Q uad Array for ESD Protection
logo
Shanghai Leiditech Elec...
PESD5V0L4UG LEIDITECH-PESD5V0L4UG Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
CH412Z LEIDITECH-CH412Z Datasheet
970Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
DF5A5.6LFU LEIDITECH-DF5A5.6LFU Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
ESD05V35T-4L LEIDITECH-ESD05V35T-4L Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
UMD5V-705 LEIDITECH-UMD5V-705 Datasheet
820Kb / 4P
Low Capacitance Q uad Array for ESD Protection
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com