Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2501A Datasheet (PDF) - Diodes Incorporated

AP2501A Datasheet PDF - Diodes Incorporated
Part # AP2501A
Download  AP2501A Download
File Size   788.88 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH

AP2501A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2501A Datasheet PDF - Diodes Incorporated

Part # AP2501A
Download  AP2501A Click to download

File Size   788.88 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH

AP2501A Datasheet (HTML) - Diodes Incorporated


AP2501A Product details

Features
Single channel current-limited power switch
Output discharge function
Fast short-circuit response time: 2μs
3.7A accurate current limiting (typ)
Reverse current blocking
70mΩ on-resistance (typ)
Input voltage range: 2.7V – 5.5V
Built-in soft-start with 0.6ms typical rise time
Overcurrent and thermal protection
Fault report (FLG) with blanking time (7ms typ)
ESD protection: 2KV HBM, 200V MM
Active low (AP2501A) or active high (AP2511A) enable
Ambient temperature range: -40°C to +85°C
SO-8, MSOP-8, MSOP-8EP, U-DFN3030-8 and U-DFN2020-6:
Available in “Green” Molding Compound (No Br, Sb)
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Moisture Sensitivity: Level 1 per J-STD-020

Applications
LCD TVs & Monitors
Set-Top-Boxes, Residential Gateways
Laptops, Desktops, Servers, E-Readers
Printers, Docking Stations, HUBs




Similar Part No. - AP2501A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2501 DIODES-AP2501 Datasheet
376Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501 DIODES-AP2501 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501 DIODES-AP2501 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501FGE-7 DIODES-AP2501FGE-7 Datasheet
376Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501M8-13 DIODES-AP2501M8-13 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
More results


Similar Description - AP2501A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
AP2501 DIODES-AP2501 Datasheet
376Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501 DIODES-AP2501_13 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2501M8-13 DIODES-AP2501M8-13 Datasheet
509Kb / 18P
2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com