Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43770 Datasheet (PDF) - Diodes Incorporated

AP43770 Datasheet PDF - Diodes Incorporated
Part # AP43770
Download  AP43770 Download
File Size   361.18 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-PERFORMANCE USB PD CONTROLLER

AP43770 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP43770 Datasheet PDF - Diodes Incorporated

Part # AP43770
Download  AP43770 Click to download

File Size   361.18 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-PERFORMANCE USB PD CONTROLLER

AP43770 Datasheet (HTML) - Diodes Incorporated


AP43770 Product details

Features
Compliant with USB PD Rev3.0 V1.2
USB-IF PD3.0/PPS Certificated TID = 1090017
Qualcomm QC4 and QC4+,QC3.0, QC2.0 Built-in
Support VOUT 20mV/Step from 3.3V to 20V
Support Current Limit 50mA/Step up to 6A
OTP(One-Time-Programmable ) for Main Firmware
MTP (Multi-Time-Programmable ) for System Configuration
USB PD Transceiver with High Noise Immunity
Built-In CC/CV Controller
Support e-Marker Cable Detection
Built-In VCONN Switch with OCP Protection
Cable Compensation for Different Load Condition
Programmable for Configuration through CC Line
Support OCP/SCP/OTP/UVP with Auto-Restart
Built-In 5V/1.8V LDO
Low Standby Current : 550μA
Maximum 32V Input Voltage Rating
Support Non-USB PD Protocol Options
BC 1.2 Legacy Built-In
TID(11090017) for USB PD 3.0 PPS Compliance Test
Package: TSSOP-16
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-Free. “Green” Device (Note 3)

Applications
AC Adapters
Car Chargers
USB PD Converter
Power Hubs
Power Banks




Similar Part No. - AP43770

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771 DIODES-AP43771 Datasheet
538Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
October 2019 Rev. 5 - 2
AP43771FBZ-13-FA1 DIODES-AP43771FBZ-13-FA1 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771FBZ-13-FA10 DIODES-AP43771FBZ-13-FA10 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771FBZ-13-FA11 DIODES-AP43771FBZ-13-FA11 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
More results


Similar Description - AP43770

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Diodes Incorporated
AP43771 DIODES-AP43771 Datasheet
574Kb / 10P
HIGH-PERFORMANCE USB PD CONTROLLER
June 2022
AP43771V DIODES-AP43771V Datasheet
792Kb / 14P
HIGH-PERFORMANCE USB PD CONTROLLER
Rev. 5 - 2 December 2021
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com