Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71M6403 Datasheet (PDF) - Teridian Semiconductor Corporation

71M6403 Datasheet PDF - Teridian Semiconductor Corporation
Part # 71M6403
Download  71M6403 Download
File Size   252.44 Kbytes
Page   2 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Electronic Trip Unit

71M6403 Datasheet (PDF)

Go To PDF Page Download Datasheet
71M6403 Datasheet PDF - Teridian Semiconductor Corporation

Part # 71M6403
Download  71M6403 Click to download

File Size   252.44 Kbytes
Page   2 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Electronic Trip Unit

71M6403 Datasheet (HTML) - Teridian Semiconductor Corporation


71M6403 Product details

Features
22-bit Sigma-delta converter
Six main sensor inputs
One auxiliary input
Supports CT or Rogowski Coils
Internal di/dt integrators
<5ms startup time
Better than 10ppm/°C accuracy
Instantaneous and delay tPeak & RMS current measurement
Calculated or measured GND current
Power measurement functions option
Internal temperature sensor
Digital temperature compensation
Independent 32-bit compute engine
Two UART ports
Two timers
Hardware watchdog
Internal power fault detector
Real Time Clock (RTC)
Battery backup (RTC, RAM)
8-bit MPU (80515) - 1 clock cycle per
instruction (5Mhz max.)
LCD driver (≤168 pixels)
5V LCD charge pump
Up to 22 general purpose I/O pins
High speed serial interface (SSI)
I2C EEPROM interface
64KB Flash, 7KB RAM
Flash memory security
30mW @ 3.3V
100-lead LQFP packagerip




Similar Part No. - 71M6403

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
Electronic Trip Unit
71M6403-IGT TERIDIAN-71M6403-IGT Datasheet
594Kb / 75P
Electronic Trip Unit
71M6403-IGT/F TERIDIAN-71M6403-IGT/F Datasheet
594Kb / 75P
Electronic Trip Unit
71M6403-IGTR TERIDIAN-71M6403-IGTR Datasheet
594Kb / 75P
Electronic Trip Unit
71M6403-IGTR/F TERIDIAN-71M6403-IGTR/F Datasheet
594Kb / 75P
Electronic Trip Unit
More results


Similar Description - 71M6403

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
Electronic Trip Unit
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
Selective load protection, electronic trip characteristics
logo
Schneider Electric
MGL36400SA SCHNEIDER-MGL36400SA Datasheet
167Kb / 3P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 400A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
Oct 7, 2020
MGL36500SA SCHNEIDER-MGL36500SA Datasheet
168Kb / 3P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 500A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
31 December 2022
MGL36600SA SCHNEIDER-MGL36600SA Datasheet
167Kb / 3P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
Oct 7, 2020
MGL36600SN SCHNEIDER-MGL36600SN Datasheet
144Kb / 2P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip
Oct 7, 2020
MGL36800AASA SCHNEIDER-MGL36800AASA Datasheet
169Kb / 3P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, aux switch, shunt trip
31 December 2022
MGL36800SA SCHNEIDER-MGL36800SA Datasheet
168Kb / 3P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
31 December 2022
MGL36800SN SCHNEIDER-MGL36800SN Datasheet
144Kb / 2P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip
31 December 2022
MJL36600SA SCHNEIDER-MJL36600SA Datasheet
167Kb / 3P
Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 25 kA, 600 VAC, shunt trip 120V
Oct 7, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com