Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73M2901CE Datasheet (PDF) - Teridian Semiconductor Corporation

73M2901CE Datasheet PDF - Teridian Semiconductor Corporation
Part # 73M2901CE
Download  73M2901CE Download
File Size   525.05 Kbytes
Page   27 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description V.22bis Single Chip Modem

73M2901CE Datasheet (PDF)

Go To PDF Page Download Datasheet
73M2901CE Datasheet PDF - Teridian Semiconductor Corporation

Part # 73M2901CE
Download  73M2901CE Click to download

File Size   525.05 Kbytes
Page   27 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description V.22bis Single Chip Modem

73M2901CE Datasheet (HTML) - Teridian Semiconductor Corporation


73M2901CE Product details

DESCRIPTION
The 73M2901CE low speed modem integrates a data pump, controller, and analog front end in a 3.3 V device with a powerful "AT" command host interface. The modem reduces external component count/cost by incorporating many features like parallel phone detect, Line-In-Use and Ring detection in software without requiring additional components.
The device is a "one chip fits all” solution for applications including set-top boxes, point-of-sale terminals, automatic teller machines, utility meters, vending machines and smart card readers.
Another distinctive feature of this device is pin compatibility with Teridian’s flagship embedded hard modems, the 73M2901CL, and the 73M1903 soft modem AFE. This offers customers a cost effective method to design for both hard or soft modem solutions in the same system as a risk-free cost reduction path.
Complete support, modem reference designs and error correction software are part of the solution offered by Teridian. Our in-house application engineering team is here to help meet your international certification needs.

FEATURES
• True one chip solution for embedded systems
• As low as 9.5 mA operating with standby and power down mode available
• Power supply operation from 3.6 V to 2.7 V
• Data modes and speeds: V.22bis – 2400 bps V.22/Bell212 – 1200 bps V.21/Bell103 – 300 bps V.23 – 1200/75 bps (with PAVI turnaround) Bell202 – 1200 bps Bell202/V23 1200 bps FDX 4-wire operation
• V.22/Bell 212A/V.22bis synchronous modes
• International Call Progress support: FCC part 68, CTR21, JATE, etc.
• DTMF generation and detection
• Worldwide Caller ID capability U.S. Type I and II support
• EIA 777A compliant
• SIA-2000 compliant
• SMS messaging support
• On chip hybrid driver
• Blacklisting capability
• Line-In-Use and Parallel Pick-Up (911) detection with voltage or low cost energy detection method
• Incoming ring energy detection through CID path; no optocoupler circuitry required
• Manufacturing Self Test capability
• Backward compatible with 73M2901CL
• Packaging: 32 lead QFN, 32-pin TQFP




Similar Part No. - 73M2901CE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE-IGVR/F TERIDIAN-73M2901CE-IGVR/F Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE-IM/F TERIDIAN-73M2901CE-IM/F Datasheet
277Kb / 22P
Single Chip Modem
73M2901CE-IMR/F TERIDIAN-73M2901CE-IMR/F Datasheet
277Kb / 22P
Single Chip Modem
More results


Similar Description - 73M2901CE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
V.22 BIS SINGLE CHIP MODEM
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
Single-Chip Modem
logo
List of Unclassifed Man...
IP568X ETC1-IP568X Datasheet
93Kb / 6P
56K V.90 Modem Single Chip
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
CCITT V.23, V.21 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
Single-Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
Single Chip Modem
logo
Synaptics Incorporated.
CX90240 CONEXANT-CX90240 Datasheet
262Kb / 2P
V.22bis Modem with 4th Generation SmartDAA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com