Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8010R-ILR/F Datasheet (PDF) - Teridian Semiconductor Corporation

73S8010R-ILR/F Datasheet PDF - Teridian Semiconductor Corporation
Part # 73S8010R-ILR/F
Download  73S8010R-ILR/F Download
File Size   348.43 Kbytes
Page   25 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Low Cost Smart Card Interface

73S8010R-ILR/F Datasheet (PDF)

Go To PDF Page Download Datasheet
73S8010R-ILR/F Datasheet PDF - Teridian Semiconductor Corporation

Part # 73S8010R-ILR/F
Download  73S8010R-ILR/F Click to download

File Size   348.43 Kbytes
Page   25 Pages
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Low Cost Smart Card Interface

73S8010R-ILR/F Datasheet (HTML) - Teridian Semiconductor Corporation


73S8010R-ILR/F Product details

DESCRIPTION
The Teridian 73S8010R is a single smart card interface IC that provides full electrical compliance with ISO-7816-3 and EMV 4.0 (EMV2000) specifications. Interfacing with the host is done through the two-wire I2C bus and one interrupt output to inform the system controller of the card presence and faults. The card clock signal can be generated by an on-chip oscillator using an external crystal, or by connection to a clock signal. The Teridian 73S8010R incorporates an ISO-7816-3 activation/deactivation sequencer that controls the card signals. Level-shifters drive the card signals with the selected card voltage (3 V or 5 V), coming from an internal Low Drop-Out (LDO) voltage regulator. This LDO regulator is powered by a dedicated power supply input, VPC. Digital circuitry is separately powered by a digital power supply, VDD. With its embedded LDO regulator, the Teridian 73S8010R is a cost-effective solution for any application where a 5 V (typically -5% +10%) power supply is available. Hardware support for auxiliary I/O lines, C4 / C8 contacts is provided. Emergency card deactivation is initiated upon card extraction or upon any fault generated by the protection circuitry. The fault can be a card over-current, a VDD (digital power supply), a VPC (regulator power supply), a VCC (card power supply) or an over-heating fault. The card over-current circuitry is a true current detect function, as opposed to VCC voltage drop detection, as usually implemented in ICC interface ICs. The VDD voltage fault has a threshold voltage that can be adjusted with an external resistor or resistor network. It allows automated card deactivation at a customized VDD voltage threshold value. It can be used, for instance, to match the system controller operating voltage range.

FEATURES
• Card Interface
• Complies with ISO-7816-3 and EMV 4.0
• An LDO voltage regulator provides 3 V / 5 V to the card from an external power supply input
• ISO-7816-3 Activation / Deactivation sequencer with emergency automated deactivation on card removal or fault detected by the protection circuitry
• Protection includes 3 voltage supervisors that detect voltage drops on VCC card and on power supplies VDD and VPC
• Over-current detection 150 mA max
• 1 card detection input
• Auxiliary I/O lines, for C4 / C8 contact signals
• Host Interface
• Fast mode, 400 kbps I2C slave bus
• 8 possible devices in parallel
• One control register and one status register
• Interrupt output to the host for fault detection
• Crystal oscillator or host clock, up to 27 MHz
• 6 kV ESD protection on the card interface
• SO28 or QFN32 package




Similar Part No. - 73S8010R-ILR/F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8010R-ILR/F TERIDIAN-73S8010R-ILR/F Datasheet
349Kb / 24P
Low Cost Smart Card Interface
More results


Similar Description - 73S8010R-ILR/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
Low Cost Versatile Smart Card Interface
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
Low Cost Smart Card Interface
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
Low Cost Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
Low-Cost Smart Card Interface
Rev 2; 6/12
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com