Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RP100 Datasheet (PDF) - DIOTEC Electronics Corporation

RP100 Datasheet PDF - DIOTEC Electronics Corporation
Part # RP100
Download  RP100 Download
File Size   330.96 Kbytes
Page   2 Pages
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation
Description 1 AMP FAST RECOVERY SILICON DIODES

RP100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RP100 Datasheet PDF - DIOTEC Electronics Corporation

Part # RP100
Download  RP100 Click to download

File Size   330.96 Kbytes
Page   2 Pages
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation
Description 1 AMP FAST RECOVERY SILICON DIODES

RP100 Datasheet (HTML) - DIOTEC Electronics Corporation


RP100 Product details

FEATURES
• Low cost
• Low leakage
• Low forward voltage  drop
• High current capacity
• Fast switching for high efficiency
• RoHS COMPLIANT

MECHANICAL DATA
• Case: JEDEC DO-41, molded epoxy (U/L Flammability Rating 94V-0)
• Terminals: Plated axial leads
• Soldering: Per MIL-STD 202 Method 208 guaranteed
• Polarity: Color band denotes cathode
• Mounting Position: Any
• Weight: 0.012 Ounces (0.34 Grams)




Similar Part No. - RP100

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP100-4805S RECOM-RP100-4805S Datasheet
107Kb / 6P
100 Watt Isolated Single & Dual Output
RP100-4805S RECOM-RP100-4805S Datasheet
90Kb / 6P
100 Watt Isolated Single & Dual Output
RP100-4805SB RECOM-RP100-4805SB Datasheet
96Kb / 4P
100 Watt Single Output
RP100-4805SN RECOM-RP100-4805SN Datasheet
90Kb / 6P
100 Watt Isolated Single & Dual Output
RP100-4805SP RECOM-RP100-4805SP Datasheet
90Kb / 6P
100 Watt Isolated Single & Dual Output
More results


Similar Description - RP100

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP600 DEC-RP600 Datasheet
422Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
logo
Edal Industries, Inc.
BR5A5 EDAL-BR5A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 1.0 AMP DIODES
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 3.0 AMP DIODES
MR7A5 EDAL-MR7A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
FSPD-200-1B DEC-FSPD-200-1B Datasheet
410Kb / 2P
2 AMP FAST RECOVERY SILICON DIODES
FSDP-103-1B DEC-FSDP-103-1B Datasheet
333Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
FSDP-301-1B DEC-FSDP-301-1B Datasheet
407Kb / 2P
3 AMP FAST RECOVERY SILICON DIODES
FSDP-601-1C DEC-FSDP-601-1C Datasheet
425Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
FSDP-101-1B DEC-FSDP-101-1B Datasheet
386Kb / 2P
1 AMP FAST RECOVERY SILICON DIODES
More results




About DIOTEC Electronics Corporation


DIOTEC Electronics Corporation is a semiconductor company based in Heitersheim, Germany that specializes in the design and manufacture of discrete semiconductors, including rectifiers, diodes, and transistors. The company was founded in 1973 and has since become a leading provider of high-quality semiconductor components for a wide range of applications.

DIOTEC Electronics' products are used in a variety of industries, including automotive, telecommunications, and industrial automation. The company's discrete semiconductors are known for their high reliability, long lifespan, and superior performance, and are used by customers around the world.

In addition to its standard product line, DIOTEC Electronics also offers custom solutions and services to meet the specific needs of its customers. The company has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers.

DIOTEC Electronics has a global presence, with offices and facilities located in Europe and Asia, and serves customers in more than 50 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com