Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3012-04UTG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SP3012-04UTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SP3012-04UTG
Download  SP3012-04UTG Download
File Size   1341.48 Kbytes
Page   7 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description ULTRA LOW CAPACITANCE TV S DIODE ARRAY

SP3012-04UTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3012-04UTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP3012-04UTG
Download  SP3012-04UTG Click to download

File Size   1341.48 Kbytes
Page   7 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description ULTRA LOW CAPACITANCE TV S DIODE ARRAY

SP3012-04UTG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SP3012-04UTG Product details

Features
Ultra low capacitance: 0.3pF typical (I/O to I/O)
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Up to four lines protects
Leadless flow-through package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-5 (Lightning) 4A (8/20μs)
RoHS Compliant

Applications
HDMI 1.3 & 1.4, USB 2.0 & 3.0 and MDDI ports
Monitors and flat panel displays
Set-top box and Digital TV
Video graphics cards
Digital Visual Interface (DVI)
Notebook Computers
PCI Express and Serial SATA Ports




Similar Part No. - SP3012-04UTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3012-04UTG LITTELFUSE-SP3012-04UTG Datasheet
1Mb / 6P
Low Capacitance ESD Protection - SP3012 Series
More results


Similar Description - SP3012-04UTG

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
ultra low capacitance steering diode array
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
ultra low capacitance steering diode array
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
Ultra-Low Capacitance TVS Diode Array
logo
Infineon Technologies A...
ESD5V3U4RRS INFINEON-ESD5V3U4RRS_11 Datasheet
828Kb / 7P
Ultra-Low Capacitance ESD Diode Array
2011-06-17
logo
Shanghai Leiditech Elec...
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ESD7004 LEIDITECH-ESD7004 Datasheet
1Mb / 7P
ULTRA LOW CAPACITANCE TV S DIODE ARRAY
Rev : 01.06.2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com