Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3374NUTG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SP3374NUTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SP3374NUTG
Download  SP3374NUTG Download
File Size   893.48 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line TV S for Ethernet Interfaces

SP3374NUTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3374NUTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP3374NUTG
Download  SP3374NUTG Click to download

File Size   893.48 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line TV S for Ethernet Interfaces

SP3374NUTG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SP3374NUTG Product details

Features
Ultra low leakage: nA level
Operating voltage: 3.3V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lighning) 40A (8/20μs)
RoHS Compliant

Applications
10/100/1000M Ethernet
USB power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports




Similar Part No. - SP3374NUTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
logo
TECH PUBLIC Electronics...
SP3374NUTG TECHPUBLIC-SP3374NUTG Datasheet
1Mb / 4P
Low Capacitance Array for ESD Protection Diode
More results


Similar Description - SP3374NUTG

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
72-UOL GRAYHILL-72-UOL Datasheet
490Kb / 2P
NETWORK INTERFACES OpenDAC짰 for Ethernet
logo
National Instruments Co...
NICFP-180X NI-NICFP-180X Datasheet
1Mb / 5P
Ethernet/Serial Interfaces for Compact FieldPoint
logo
Union Semiconductor, In...
UM4411 UNIONSEMI-UM4411 Datasheet
219Kb / 6P
4 Line ESD/EMI Protection for Color LCD Interfaces
UM4401 UNIONSEMI-UM4401 Datasheet
398Kb / 6P
4 Line ESD/EMI Protection for Color LCD Interfaces
logo
Semtech Corporation
RCLAMP2574N SEMTECH-RCLAMP2574N Datasheet
154Kb / 8P
High Power TVS for Ethernet Interfaces
RCLAMP2574NQ SEMTECH-RCLAMP2574NQ Datasheet
156Kb / 8P
High Power TVS for Ethernet Interfaces
RCLAMP2594N SEMTECH-RCLAMP2594N Datasheet
1Mb / 8P
Low Capacitance RailClamp짰 4-Line Surge and ESD Protection for Ethernet Interfaces
RCLAMP3374N SEMTECH-RCLAMP3374N Datasheet
171Kb / 9P
High Power TVS for Ethernet Interfaces
logo
Shanghai Leiditech Elec...
LC2574N LEIDITECH-LC2574N Datasheet
859Kb / 4P
4-Line TVS for Ethernet Interfaces
LC3374N LEIDITECH-LC3374N Datasheet
694Kb / 4P
4-Line TVS for Ethernet Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com