Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2E009DRTR Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

TPD2E009DRTR Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # TPD2E009DRTR
Download  TPD2E009DRTR Download
File Size   1221.67 Kbytes
Page   6 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 100 Watts Peak Pulse Power per Line (tp=8/20μs)

TPD2E009DRTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD2E009DRTR Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # TPD2E009DRTR
Download  TPD2E009DRTR Click to download

File Size   1221.67 Kbytes
Page   6 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 100 Watts Peak Pulse Power per Line (tp=8/20μs)

TPD2E009DRTR Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


TPD2E009DRTR Product details

Features
100 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects Two Lines
Low Clamping Voltage
Working Voltages : 5V
Low Leakage Current
IEC61000-4-2 (ESD) ±17kV (air), ±10kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 4A (8/20μs)

Applications
Cellular Handsets & Accessories
Antennas
High Spped I/O Lines
Keypads, Side Keys, LCD Displays
Battery, Power Lines
Notebooks & Desktop Computers
Portable Instrumentation




Similar Part No. - TPD2E009DRTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E009DRTR TI-TPD2E009DRTR Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DRTR TI-TPD2E009DRTR Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD2E009DRTR TI2-TPD2E009DRTR Datasheet
988Kb / 21P
TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
REVISED AUGUST 2015
TPD2E009DRTR.B TI2-TPD2E009DRTR.B Datasheet
988Kb / 21P
TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
REVISED AUGUST 2015
TPD2E009DRTRG4 TI2-TPD2E009DRTRG4 Datasheet
988Kb / 21P
TPD2E009 2-Channel ESD Solution for High-Speed (6-Gbps) Differential Interface
REVISED AUGUST 2015
More results


Similar Description - TPD2E009DRTR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC0502M3Q LEIDITECH-ULC0502M3Q Datasheet
1,018Kb / 6P
100 Watts Peak Pulse Power per Line (tp=8/20關s)
TPD2EUSB30DRTR LEIDITECH-TPD2EUSB30DRTR Datasheet
1Mb / 6P
100 Watts Peak Pulse Power per Line (tp=8/20μs)
Rev : 01.06.2021
logo
Guangdong Youtai Semico...
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
350W peak pulse power (tp=8/20μs)
PESDNC2FD5VB UMW-PESDNC2FD5VB Datasheet
452Kb / 4P
80W peak pulse power per line (tP = 8/20μs)
PESDNC3D5VB UMW-PESDNC3D5VB Datasheet
421Kb / 4P
350W peak pulse power per line (tP=8/20μs)
PRTR5V0U2X UMW-PRTR5V0U2X Datasheet
340Kb / 3P
40W peak pulse power (tp = 8/20μs)
TPD1E05U06D UMW-TPD1E05U06D Datasheet
489Kb / 3P
45W peak pulse power (tp = 8/20μs)
UCLAMP3301D UMW-UCLAMP3301D Datasheet
394Kb / 5P
100 Watts peak pulse power (tp = 8/20μs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com