Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK224N4F7AG Datasheet (PDF) - STMicroelectronics

STK224N4F7AG Datasheet PDF - STMicroelectronics
Part # STK224N4F7AG
Download  STK224N4F7AG Download
File Size   445.29 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 40 V, 1.2 m typ., 100 A STripFET™ F7 Power MOSFET in a LFPAK 5x6 package

STK224N4F7AG Datasheet (PDF)

Go To PDF Page Download Datasheet
STK224N4F7AG Datasheet PDF - STMicroelectronics

Part # STK224N4F7AG
Download  STK224N4F7AG Click to download

File Size   445.29 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade N-channel 40 V, 1.2 m typ., 100 A STripFET™ F7 Power MOSFET in a LFPAK 5x6 package

STK224N4F7AG Datasheet (HTML) - STMicroelectronics


STK224N4F7AG Product details

Features
• AEC-Q101 qualified
• Among the lowest RDS(on) on the market
• Excellent FoM (figure of merit)
• Low Crss/Ciss ratio for EMI immunity
• High avalanche ruggedness

Description
This N-channel Power MOSFET utilizes STripFET™ F7 technology with an
enhanced trench gate structure that results in very low on-state resistance, while also
reducing internal capacitance and gate charge for faster and more efficient switching.

Applications
• Switching applications




Similar Part No. - STK224N4F7AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2240 ETC-STK2240 Datasheet
130Kb / 2P
2CH PURE COMPLEMENTARY D.P.P. SERIES
STK2240 ETC-STK2240 Datasheet
146Kb / 2P
OUTPUT STAGE OF AF POWER AMP
More results


Similar Description - STK224N4F7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL76DN4LF7AG STMICROELECTRONICS-STL76DN4LF7AG Datasheet
984Kb / 16P
Automotive-grade dual N-channel 40 V, 5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
27-Jul-2017
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STK130N4LF7AG STMICROELECTRONICS-STK130N4LF7AG Datasheet
234Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 100 A, STripFET F7 Power MOSFET in an LFPAK 5x6 package
28-Sep-2021
STK184N4F7AG STMICROELECTRONICS-STK184N4F7AG Datasheet
447Kb / 13P
Automotive-grade N-channel 40 V, 1.6 mΩ typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
10-Jan-2019
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com