Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7315Q Datasheet (PDF) - Diodes Incorporated

AP7315Q Datasheet PDF - Diodes Incorporated
Part # AP7315Q
Download  AP7315Q Download
File Size   637.04 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE

AP7315Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7315Q Datasheet PDF - Diodes Incorporated

Part # AP7315Q
Download  AP7315Q Click to download

File Size   637.04 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE

AP7315Q Datasheet (HTML) - Diodes Incorporated


AP7315Q Product details

Features
Wide VIN Range: 1.7V to 5.25V
-40°C to +125°C Temperature Range
Guarantee Output Current,150mA
VOUT Accuracy ±1%
Ripple Rejection 75dB at 1kHz
Low Output Noise, 60μVrms from 10Hz to 100kHz
Quiescent Current as Low as 35μA
VOUT Fixed 1.1V to 3.3V
Moisture Sensitivity: Level 1 Per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
Weight: 0.016 grams (Approximate)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-Free, Green Device (Note 3)
The AP7315Q is suitable for automotive applications requiring specific change control; this part is AEC-Q100 qualified, PPAP capable, and manufactured in IATF 16949 certified facilities.

Applications
Infotainment Power Supplies
Automotive RF Supply
Cameras
Automotive POL in ADAS
Automotive Wireless Communication




Similar Part No. - AP7315Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7315Q DIODES-AP7315Q Datasheet
293Kb / 2P
500mA, High-PSRR, Low-Noise, Automotive-Compliant LDO with Power Good and Adjustable Output Voltages
February 2025
More results


Similar Description - AP7315Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 4
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 2
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Rev 1
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7347DQ DIODES-AP7347DQ Datasheet
2Mb / 18P
AUTOMOTIVE COMPLIANT 500mA HIGH PSRR LOW NOISE LDO WITH ENABLE
July 2022 Rev. 5 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com