Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APX803L Datasheet (PDF) - Diodes Incorporated

APX803L Datasheet PDF - Diodes Incorporated
Part # APX803L
Download  APX803L Download
File Size   554.22 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICRO POWER VOLTAGE DETECTOR

APX803L Datasheet (PDF)

Go To PDF Page Download Datasheet
APX803L Datasheet PDF - Diodes Incorporated

Part # APX803L
Download  APX803L Click to download

File Size   554.22 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description MICRO POWER VOLTAGE DETECTOR

APX803L Datasheet (HTML) - Diodes Incorporated


APX803L Product details

Features
Low Supply Current: 1.0μA (typ.), 2.5μA (max.)
Internal Fixed 1.2V to 5.0V Threshold with 0.1V Step
High Threshold Voltage Accuracy: ±1.5%
Quick Reset within 20μs
Built-in Recovery Delay Time Options: 0ms, 55ms, 220ms and 450ms
Open-Drain Output: Active Low
No External Components Required
SOT23, SOT323, SC59 and SOT25 Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
Computers
Controllers
Intelligent Instruments
Critical μP and μC Power Monitoring
Portable/Battery Powered Equipment




Similar Part No. - APX803L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803-23SA DIODES-APX803-23SA Datasheet
113Kb / 11P
er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
APX803-23SR DIODES-APX803-23SR Datasheet
113Kb / 11P
er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SRG-7 DIODES-APX803-23SRG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
More results


Similar Description - APX803L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
Micro-Power Voltage Detector with Manual Reset
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
Micro-Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807_15 Datasheet
167Kb / 7P
Micro-Power Voltage Detector
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
Micro-Power Voltage Detector with Manual Reset
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
logo
Diodes Incorporated
APX809S DIODES-APX809S Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com