Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ2117 Datasheet (PDF) - Diodes Incorporated

AZ2117 Datasheet PDF - Diodes Incorporated
Part # AZ2117
Download  AZ2117 Download
File Size   355.4 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW DROPOUT LINEAR REGULATOR

AZ2117 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2117 Datasheet PDF - Diodes Incorporated

Part # AZ2117
Download  AZ2117 Click to download

File Size   355.4 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW DROPOUT LINEAR REGULATOR

AZ2117 Datasheet (HTML) - Diodes Incorporated


AZ2117 Product details

Features
Current Limit: 1.35A (Typ)
Output Noise from 10Hz to 10kHz: 0.003% of VOUT
PSRR at IOUT = 300mA and f = 120Hz: 60dB
Output Voltage Accuracy: ±1%
On-chip Thermal Shutdown
Maximum Quiescent Current: IQMAX = 1mA
Compatible with Low ESR Ceramic Capacitor
Operation Junction Temperature: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
USB Device
Add-on Card
DVD Player
PC Motherboard




Similar Part No. - AZ2117

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2110 AZETTLER-AZ2110 Datasheet
127Kb / 3P
40A MINIATURE POWER RELAY
AZ2110-1A-110D AZETTLER-AZ2110-1A-110D Datasheet
127Kb / 3P
40A MINIATURE POWER RELAY
AZ2110-1A-12D AZETTLER-AZ2110-1A-12D Datasheet
127Kb / 3P
40A MINIATURE POWER RELAY
AZ2110-1A-15D AZETTLER-AZ2110-1A-15D Datasheet
127Kb / 3P
40A MINIATURE POWER RELAY
AZ2110-1A-18D AZETTLER-AZ2110-1A-18D Datasheet
127Kb / 3P
40A MINIATURE POWER RELAY
More results


Similar Description - AZ2117

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
Low Dropout Linear Regulator
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
Low Dropout Linear Regulator
REV. B
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com